Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3363GJ Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3363GJ
Description  Single-String, 1.8V Minimum VIN, 36V VOUT Boost LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3363GJ Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3363GJ Datasheet HTML 7Page - Monolithic Power Systems MP3363GJ Datasheet HTML 8Page - Monolithic Power Systems MP3363GJ Datasheet HTML 9Page - Monolithic Power Systems MP3363GJ Datasheet HTML 10Page - Monolithic Power Systems MP3363GJ Datasheet HTML 11Page - Monolithic Power Systems MP3363GJ Datasheet HTML 12Page - Monolithic Power Systems MP3363GJ Datasheet HTML 13Page - Monolithic Power Systems MP3363GJ Datasheet HTML 14Page - Monolithic Power Systems MP3363GJ Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP3363
– SINGLE-STRING, 1.8V MINIMUM VIN, 36 VOUT BOOST LED DRIVER
MP3363 Rev. 1.0
MonolithicPower.com
11
9/28/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
LED Current (ILED) Setting
ILED is set by the LED current feedback resistor
(RFB). The value of RFB can be calculated with
Equation (2):
FB
LED
200mV
R
I
(2)
Switching Frequency Setting
The switching frequency (fSW) is set by an
external resistor (ROSC) at the OSC/SYNC pin.
fSW can be estimated with Equation (3):
SW
OSC
40000
f
(kHz)
R
(k
Ω)
(3)
A PWM signal (200kHz to 2.2MHz) on the
OSC/SYNC pin can also synchronize fSW.
Selecting the Inductor
The MP3363 requires an inductor to supply a
higher output voltage while being driven by the
input voltage. A larger-value inductor results in
less ripple current, lower peak inductor current,
and less stress on the internal N-channel
MOSFET. However, a larger-value inductor has
a larger physical size, higher series resistance,
and lower saturation current.
Choose an inductor that does not saturate
under the worst-case load conditions. Select
the minimum inductor value to ensure that the
boost converter works in continuous conduction
mode (CCM) with high efficiency and excellent
EMI performance.
Calculate the required inductance value with
Equation (4):
2
OUT
SW
LOAD
η V
D (1 D)
L
2 f
I
  

(4)
Where VOUT is the output voltage, fSW is the
switching frequency, ILOAD is the LED load
current, η is the efficiency, and D can be
estimated with Equation (5):
IN
OUT
V
D=1-
V
(5)
Where VIN is the input voltage.
For a given inductor value, the inductor DC
current rating should be at least 40% higher
than the maximum input peak inductor current
for
most
applications. The inductor’s DC
resistance should be as small as possible for
higher efficiency.
Over-Voltage Protection (OVP) Setting
Generally, set the OVP voltage threshold to be
10% to 20% higher than VOUT. The OVP
threshold can be set with a voltage divider (see
the Typical Application section on page 1). The
OVP threshold can be calculated with Equation
(6):
OVP1
OVP2
OVP
OVP2
RR
V
(V)
1.2(V)
R

(6)
Selecting the Diode
Choose a diode with a voltage rating greater
than the OVP threshold, and leave about a 20%
margin.
The
current
rating
should
be
approximately two to three times greater than
the LED current.
Selecting the Input Capacitor
The input capacitor (CIN) reduces the surge
current drawn from the input supply and the
switching noise from the device. Ceramic
capacitors
with
X7R
dielectrics
are
recommended due to their low ESR and small
temperature coefficients.
Select a capacitor that limits the input voltage
ripple (
∆VIN) below 5% to 10% of its DC value.
The
capacitance
can
be
calculated
with
Equation (7):
 
L
IN
IN
SW
I
C
8
V
f
(7)
Where
∆IL is the peak-to-peak inductor current.
∆IL can be estimated with Equation (8):

IN
L
SW
VD
I
Lf
(8)
Selecting the Output Capacitor
Select an output capacitor (COUT) that limits the
output voltage ripple (
∆VOUT) below 1% to 5% of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com