Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3363GJ Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3363GJ
Description  Single-String, 1.8V Minimum VIN, 36V VOUT Boost LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3363GJ Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3363GJ Datasheet HTML 5Page - Monolithic Power Systems MP3363GJ Datasheet HTML 6Page - Monolithic Power Systems MP3363GJ Datasheet HTML 7Page - Monolithic Power Systems MP3363GJ Datasheet HTML 8Page - Monolithic Power Systems MP3363GJ Datasheet HTML 9Page - Monolithic Power Systems MP3363GJ Datasheet HTML 10Page - Monolithic Power Systems MP3363GJ Datasheet HTML 11Page - Monolithic Power Systems MP3363GJ Datasheet HTML 12Page - Monolithic Power Systems MP3363GJ Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MP3363
– SINGLE-STRING, 1.8V MINIMUM VIN, 36 VOUT BOOST LED DRIVER
MP3363 Rev. 1.0
MonolithicPower.com
9
9/28/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The MP3363 drives the internal MOSFET with
current mode architecture to regulate the LED
current (ILED), which is measured through an
external current-sense (CS) resistor.
The MP3363 employs a special circuit to
regulate the internal power supply, which
covers a wide input voltage (VIN) range (1.8V to
36V). The switching frequency (fSW) can be
configured. The device integrates under-voltage
lockout (UVLO), over-voltage protection (OVP),
over-current
protection
(OCP),
short
LED
protection, short FB to GND protection, and
thermal shutdown (TSD).
Step-Up Converter
The MP3363 uses peak current control mode to
regulate the output power. At the beginning of
each switching cycle, the internal clock turns on
the internal N-channel MOSFET (in normal
operation, the minimum turn-on time is about
50ns). A stabilizing ramp is added to the CS
amplifier
output
to
prevent
subharmonic
oscillations for duty cycles exceeding 50%. This
result is fed into the pulse-width modulation
(PWM) comparator. If the summed voltage
reaches the output voltage of the error amplifier
(EA), the internal MOSFET turns off.
The output voltage of the internal EA is an
amplified signal of the difference between the
reference voltage (VREF) and the FB voltage
(VFB).
If VFB drops below VREF, the EA’s output
increases. This results in more current flowing
through the MOSFET, which increases power
delivered to the output. This forms a closed
loop that regulates the output voltage (VOUT).
If VOUT is almost equal to VIN under light-load
conditions, the converter runs in pulse-skipping
mode. The MOSFET turns on for a minimum on
time, and then the converter discharges the
power to the output for the remaining period.
The internal MOSFET remains off until VOUT
requires another boost.
Soft Start
The MP3363 implements soft start (SS) by
limiting the current capability of the internal EA
during start-up. The COMP voltage (VCOMP)
jumps to its clamp voltage at the beginning of
start-up. The source/sink current of the internal
EA is limited to about 10
μA until VFB reaches
80% of the internal VREF during start-up. The
maximum soft-start time is limited to 10ms. This
prevents the IC from always being in soft start
during deep analog dimming.
VEN/DIM
VCOMP
ILED
80% of ILED
VIN
Figure 2: Soft Start Process
Enable (EN) and Dimming (DIM)
The EN/DIM pin can be used for different
functions when different signals are applied on
the pin. These functions are described in
greater detail as below:
1. Enable/disable: If the EN/DIM pin is pulled
high, the IC is enabled. If the EN/DIM pin is
pulled low for 20ms, the IC is disabled.
2. PWM dimming (fPWM < 2kHz): If the PWM
signal has a frequency below 2kHz, the IC
operates in PWM dimming mode. If the
PWM signal is low in PWM dimming mode,
the IC stops switching, and the output
current (IOUT) and VOUT drop. If the PWM
signal is high, the IC starts switching, and
IOUT and VOUT begin to rise. This condition
prohibits soft start.
3. Analog dimming (fPWM > 5kHz): If the PWM
signal has a frequency above 5kHz, the IC
operates in analog dimming mode. The LED
current (ILED) can be changed by changing
the PWM duty cycle.
ILED can be calculated with Equation (1):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com