Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80221 Datasheet (PDF) - LSI Computer Systems

80221 Datasheet PDF - LSI Computer Systems
Part # 80221
Download  80221 Download
File Size   622.27 Kbytes
Page   91 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description 100BASE-TX/10BASE-T Ethernet Media Interface Adapter

80221 Datasheet (PDF)

Go To PDF Page Download Datasheet
80221 Datasheet PDF - LSI Computer Systems

Part # 80221
Download  80221 Click to download

File Size   622.27 Kbytes
Page   91 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description 100BASE-TX/10BASE-T Ethernet Media Interface Adapter

80221 Datasheet (HTML) - LSI Computer Systems


80221 Product details

Description
The 80220/80221 are highly integrated analog interface ICs for twisted pair Ethernet applications. The 80220/80221 can be configured for either 100 Mbps (100BaseTX) or 10 Mbps (10Base-T) Ethernet operation. The 80220 is packaged in a 44L package, while the 80221 is packaged in a 64L package and contains a few more features.

Features
■ Single Chip 100Base-TX / 10Base-T Physical Layer Solution
■ Dual Speed - 100/10 Mbps
■ Half And Full Duplex
■ MII Interface To Ethernet Controller
■ MI Interface For Configuration & Status
■ Optional Repeater Interface
■ AutoNegotiation: 10/100, Full/Half Duplex
■ Meets All Applicable IEEE 802.3, 10Base-T, 100Base-TX Standards
■ On Chip Wave Shaping - No External Filters Required
■ Adaptive Equalizer
■ Baseline Wander Correction
■ Interface to External 100Base-T4 PHY
■ LED Outputs
    - Link
    - Activity
    - Collision
    - Full Duplex
    - 10/100
    - User Programmable
■ Many User Features And Options
■ Few External Components
■ Pin configuration
    - 44L PLCC - 80220
    - 64L LQFP - 80221




Similar Part No. - 80221

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8022166 FESTO-8022166 Datasheet
81Kb / 1P
Interlinking block
8022170 FESTO-8022170 Datasheet
82Kb / 1P
Interlinking block
8022171 FESTO-8022171 Datasheet
82Kb / 1P
Interlinking block
8022172 FESTO-8022172 Datasheet
84Kb / 1P
Interlinking block
8022173 FESTO-8022173 Datasheet
84Kb / 1P
Interlinking block
More results


Similar Description - 80221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF8509 ETC-LF8509 Datasheet
52Kb / 1P
FAST ETHERNET 10BASE-T/100BASE-TX TRANSFORMER MODULES
UT12118 ETC1-UT12118 Datasheet
40Kb / 1P
FAST ETHERNET 10BASE-T/100BASE-TX TRANSRORMER MODULE
L80227 ETC1-L80227 Datasheet
689Kb / 140P
10BASE-T/ 100BASE-TX Ethernet PHY
logo
Texas Instruments
TNETE2101 TI-TNETE2101 Datasheet
497Kb / 39P
10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
logo
Integrated Device Techn...
ICS1894-32 IDT-ICS1894-32 Datasheet
413Kb / 53P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-40 IDT-ICS1894-40 Datasheet
465Kb / 52P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-32 IDT-ICS1894-32_1 Datasheet
489Kb / 53P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-32 IDT-ICS1894-32_10 Datasheet
317Kb / 50P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
logo
Renesas Technology Corp
ICS1894-32 RENESAS-ICS1894-32 Datasheet
513Kb / 51P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
REV M 021512
ICS1894-44 RENESAS-ICS1894-44 Datasheet
611Kb / 54P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
030112
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com