Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80221 Datasheet(PDF) 10 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 10 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 6Page - LSI Computer Systems 80221 Datasheet HTML 7Page - LSI Computer Systems 80221 Datasheet HTML 8Page - LSI Computer Systems 80221 Datasheet HTML 9Page - LSI Computer Systems 80221 Datasheet HTML 10Page - LSI Computer Systems 80221 Datasheet HTML 11Page - LSI Computer Systems 80221 Datasheet HTML 12Page - LSI Computer Systems 80221 Datasheet HTML 13Page - LSI Computer Systems 80221 Datasheet HTML 14Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
80220/80221
MD400159/E
10
3.0 FUNCTIONAL DESCRIPTION
3.1 GENERAL
The 80220/80221 is a complete 100/10 Mbps Ethernet
Media Interface IC.
The 80220/80221 has ten main
sections: controller interface, encoder, decoder, scram-
bler, descrambler, clock and data recovery, twisted pair
transmitter, twisted pair receiver,
MI serial port, and
AutoNegotiation. A block diagram is shown in Figure 1.
The 80220/80221 can operate as a 100Base-TX device
(hereafter referred to as 100 Mbps mode) or as a 10Base-
T device (hereafter referred to as 10 Mbps mode). The
difference between the 100 Mbps mode and the 10 Mbps
mode is data rate, signalling protocol, and allowed wiring.
The 100 Mbps mode uses two pairs of category 5 or better
UTP or STP twisted pair cable with 4B5B encoded,
scrambled, and MLT-3 coded 62.5 MHz ternary data to
achieve a thruput of 100 Mbps. The 10 Mbps mode uses
two pairs of category 3 or better UTP or STP twisted pair
cable with Manchester encoded, 10 MHz binary data to
achieve a 10 Mbps thruput. The data symbol format on the
twisted pair cable for the 100 and 10 Mbps modes are
defined in IEEE 802.3 specifications and shown in Figure
2.
On the transmit side for 100 Mbps operation, data is
received on the controller interface from an external
Ethernet controller per the format shown in Figure 3. The
data is then sent to the 4B5B encoder for formatting. The
encoded data is then sent to the scrambler. The scrambled
and encoded data is then sent to the TP transmitter. The
TP transmitter converts the encoded and scrambled data
into MLT-3 ternary format, preshapes the output, and
drives the twisted pair cable.
Figure 2. Twisted Pair Frame Format
PREAMBLE
SFD
DA
LLC DATA
FCS
SA
INTERFRAME
GAP
ETHERNET MAC FRAME
LN
INTERFRAME
GAP
SSD
PREAMBLE
SFD
LLC DATA
FCS
DA
IDLE
100 BASE-TX TP DATA SYMBOLS
SA
IDLE
LN
ESD
= [ 1 1 1 1 ...]
= [ 0 1 1 0 1 0 0 1 1 1 ]
= [ DATA ]
= [ 1 1 ]
= [ 1 0 1 0 ...] 62 BITS LONG
= [ 1 1 0 0 0 1 0 0 0 1 ]
ESD
DA, SA, LN, LLC DATA, FCS
SSD
PREAMBLE
SFD
IDLE
BEFORE / AFTER
4B5B ENCODING,
SCRAMBLING, AND
MLT3 CODING
PREAMBLE
SFD
LLC DATA
FCS
DA
IDLE
10 BASE-T TP DATA SYMBOLS
SA
IDLE
LN
SOI
= [ NO TRANSITIONS ]
= [ 1 1 ] WITH NO MID BIT
TRANSITION
= [ DATA ]
= [ 1 1 ]
= [ 1 0 1 0 ... ] 62 BITS LONG
SOI
DA, SA, LN, LLC DATA, FCS
SFD
PREAMBLE
IDLE
BEFORE / AFTER
MANCHESTER
ENCODING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com