Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80221 Datasheet(PDF) 32 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 32 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 28Page - LSI Computer Systems 80221 Datasheet HTML 29Page - LSI Computer Systems 80221 Datasheet HTML 30Page - LSI Computer Systems 80221 Datasheet HTML 31Page - LSI Computer Systems 80221 Datasheet HTML 32Page - LSI Computer Systems 80221 Datasheet HTML 33Page - LSI Computer Systems 80221 Datasheet HTML 34Page - LSI Computer Systems 80221 Datasheet HTML 35Page - LSI Computer Systems 80221 Datasheet HTML 36Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
80220/80221
MD400159/E
32
Table 8. MI Serial Port Frame Structure
<Idle>
<Start>
<Read>
<Write>
<PHY Addr.>
<Reg. Addr.>
<Turnaround>
<Data>
IDLE
ST[1:0]
READ
WRITE
PHYAD[4:0]
REGAD[4:0]
TA[1:0]
D[15:0]....
Register 0
Control
Register 1
Status
Register 2
PHY ID #1
Register 3
PHY ID #2
Register 4
AutoNegotiation Advertisement
Register 5
AutoNegotiation Remote End Capability
Register 16
Configuration 1
Register 17
Configuration 2
Register 18
Status Output
Register 19
Mask
Register 20
Reserved
Symbol
Name
Definition
R/W
IDLE
Idle Pattern
These bits are an idle pattern. Device will not initiate an
W
MI cycle until it detects at least 32 1's.
ST1
Start Bits
When ST[1:0]=01, a MI Serial Port access cycle starts.
W
ST0
READ
Read Select
1 = Read Cycle
W
WRITE
Write Select
1 = Write Cycle
W
PHYAD[4:0]
Physical Device
When PHYAD[4:0]=MDA[4:0] pins inverted, the MI Serial
W
Address
Port is selected for operation.
REGAD4[4:0]
Register Address
If REGAD[4:0]=00000-11110, these bits determine the
W
specific register from which D[15:0] is read/written. If multiple
register access is enabled and REGAD[4:0]=11111, all
registers are read/written in a single cycle.
TA1
Turnaround Time
These bits provide some turnaround time for MDIO
R/W
TA0
When READ=1, TA[1:0]=Z0
When WRITE=1, TA[1:0]=ZZ
D[15:0]....
Data
These 16 bits contain data to/from one of the eleven registers
Any
selected by register address bits REGAD[4:0].
IDLE is shifted in first
4.0 Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com