Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80221 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 2 Page - LSI Computer Systems

  80221 Datasheet HTML 1Page - LSI Computer Systems 80221 Datasheet HTML 2Page - LSI Computer Systems 80221 Datasheet HTML 3Page - LSI Computer Systems 80221 Datasheet HTML 4Page - LSI Computer Systems 80221 Datasheet HTML 5Page - LSI Computer Systems 80221 Datasheet HTML 6Page - LSI Computer Systems 80221 Datasheet HTML 7Page - LSI Computer Systems 80221 Datasheet HTML 8Page - LSI Computer Systems 80221 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 91 page
background image
80220/80221
MD400159/E
2
80220
TOP VIEW
44L PLCC
Pin Configuration
80221
TOP VIEW
64L LQFP
GND3
10
9
8
7
11
15
14
13
12
16
17
VCC3
MDINT (MDA4)
RX_DV
CRS
COL
MDIO
MDC
TX_CLK
TXD0
TX_ER / TXD4
TXD1
TXD2
TXD3
36
37
38
39
35
31
32
33
34
30
29
TRFADJ0
TRFADJ1
OSCIN
GND4
TX_EN
VCC4
(MDA2)
(MDA3)
PLED2
PLED3
NC
2
1
3
7
6
5
4
8
9
PLED4
PLED3 (MDA3)
MDINT (MDA4)
VCC4
VCC3
GND3
NC
PLED2 (MDA2)
MDIO
13
12
11
10
14
16
15
COL
RX_DV
NC
CRS
MDC
NC
TX_EN
GND4
OSCIN
NC
NC
45
46
47
41
42
43
44
40
NC
NC
TRFADJ0
TRFADJ1
TX_CLK
NC
36
37
38
39
35
33
34
TX_ER / TXD4
TXD3
TXD2
TXD1
TXD0
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com