Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80221 Datasheet(PDF) 7 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 7 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 3Page - LSI Computer Systems 80221 Datasheet HTML 4Page - LSI Computer Systems 80221 Datasheet HTML 5Page - LSI Computer Systems 80221 Datasheet HTML 6Page - LSI Computer Systems 80221 Datasheet HTML 7Page - LSI Computer Systems 80221 Datasheet HTML 8Page - LSI Computer Systems 80221 Datasheet HTML 9Page - LSI Computer Systems 80221 Datasheet HTML 10Page - LSI Computer Systems 80221 Datasheet HTML 11Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
80220/80221
4-7
MD400159/E
7
5
61
PLED0
I/O
(MDA0)
Pullup
38
45
TRFADJ1
I
Twisted Pair Output Rise/Fall Time adjust Input. These digital inputs adjust the
39
46
TRFADJ0
Pullup
rise/fall time on the TPO
± outputs.
Pulldown
11 = Rise/Fall Time Changed -0.25 nS
10 = Rise/Fall Time Changed in MI Serial Port (Default = 0.0 nS)
01 = Rise/Fall Time Changed +0.25 nS
00 = Rise/Fall Time Changed +0.50 nS
26
27
RX_EN/
I
Receive Enable Input
JAM
1 = All Outputs Enabled
0 = Receive Controller Outputs are High Impedance
(RX_CLK, RXD[3:0], RX_DV, RX_ER, COL).
I
Automatic Jam Input
1 = Normal
0 = Jam Packet Transmitted when Receive Activity Detected
—
63
PLED5
O
Receive LED Output. The function of this pin is to be a Receive
O.D.
Activity Detect output and this pin can drive an LED from VCC.
Pullup
1 = No Receive Activity
0 = Receive Packet Occurred, Hold Low for 100 mS
—
2
PLED4
O
Transmit LED Output. The function of this pin is to be a Transmit
O.D.
Activity Detect output and this pin can drive an LED from VCC.
Pullup
1 = No Transmit Activity
0 = Transmit Packet Occurred, Hold Low for 100 mS
—
30
T4ADV
I
100Base-T4 AutoNegotiation Advertise Input. This input causes the AutoNegotiation
Pulldown algorithm to advertise 100Base-T4 as one of the operating modes.
1 = Advertise 100Base-T4 Capability During AutoNegotiation
0 = No Advertise
—
29
T4OE
O
100Base-T4 Output Enable. This output indicates that the AutoNegotiation algorithm
has selected 100Base-T4 as the operating mode and can be used to enable and external
100Base-T4 PHY. When asserted, the TP outputs are high impedance.
—
24
RPTR
I
Repeater Mode Enable Input.
Pulldown
1 = Repeater Mode Enabled
0 = Normal Operation
Pin#
Pin
I/O
Description
44L 64L
Name
Pin Description continued
Programmable LED Output/Management Interface Address Input. The default
function of this pin is to be a 10 Mbps Link Detect output. This pin can also be
programmed through the MI serial port to indicate other events or be user controlled.
This pin can drive an LED from both VCC and GND.
When programmed as 10 Mbps Link Detect Output (default):
1 = No Detect
0 = 10 Mbps Link Detected
During powerup or reset, this pin is high impedance and the value on this pin is latched
in as the address MDA0 for the MI serial port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com