Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80221 Datasheet(PDF) 41 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 41 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 37Page - LSI Computer Systems 80221 Datasheet HTML 38Page - LSI Computer Systems 80221 Datasheet HTML 39Page - LSI Computer Systems 80221 Datasheet HTML 40Page - LSI Computer Systems 80221 Datasheet HTML 41Page - LSI Computer Systems 80221 Datasheet HTML 42Page - LSI Computer Systems 80221 Datasheet HTML 43Page - LSI Computer Systems 80221 Datasheet HTML 44Page - LSI Computer Systems 80221 Datasheet HTML 45Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
80220/80221
4-41
MD400159/E
41
Table 17. MI Register 17 (Configuration 2) Structure And Bit Definition
17.15
17.14
17.13
17.12
17.11
17.10
17.9
17.8
PLED3_1
PLED3_0
PLED2_1
PLED2_0
PLED1_1
PLED1_0
PLED0_1
PLED0_0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
17.7
17.6
17.5
17.4
17.3
17.2
17.1
17.0
LED_DEF1
LED_DEF0
APOL_DIS
JAB_DIS
MREG
INT_MDIO
P26_CFG
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Symbol
Name
Definition
R/W
Def.
17.15
PLED3_1
Programmable LED
11 = Normal
(PLED3 Is Determined By
R/W
11
17.14
PLED3_0
Output Select, Pin
Bits 17.7-17.6 And Table 5.
PLED3
Default is LINK100)
10 = LED Blink
(PLED3 Is Toggling 100 mS
Low, 100 mS High)
01 = LED On
(PLED3 Is Low)
00 = LED Off
(PLED3 Is High)
17.13
PLED2_1
Programmable LED
11 = Normal
(PLED2 Is Determined By
R/W
11
17.12
PLED2_0
Output Select, Pin
Bits 17.7-17.6 And Table 5.
PLED2
Default is Activity)
10 = LED Blink
(PLED2 Is Toggling 100 mS
Low, 100 mS High)
01 = LED On
(PLED2 Is Low)
00 = LED Off
(PLED2 Is High)
17.11
PLED1_1
Programmable LED
11 = Normal
(PLED1 Is Determined By
R/W
11
17.10
PLED1_0
Output Select, Pin
Bits 17.7-17.6 And Table 5.
PLED1
Default is Full Duplex)
10 = LED Blink
(PLED1 Is Toggling 100 mS
Low, 100 mS High)
01 = LED On
(PLED1 Is Low)
00 = LED Off
(PLED1 Is High)
17.9
PLED0_1
Programmable LED
11 = Normal
(PLED0 Is Determined By
R/W
11
17.8
PLED0_0
Output Select, Pin
Bits 17.7-17.6 And Table 5.
PLED0
Default is LINK10)
10 = LED Blink
(PLED0 Is Toggling 100 mS
Low, 100 mS High)
01 = LED On
(PLED0 Is Low)
00 = LED Off
(PLED0 Is High)
17.7
LED_DEF1
LED Normal
See Table 5
R/W
0
17.6
LED_DEF0
Function Select
17.5
APOL_DIS
Auto Polarity
1 = Auto Polarity Correction Function Disabled
R/W
0
Disable
0 = Normal
17.4
JAB_DIS
Jabber Disable
1 = Jabber Disabled
R/W
0
Select
0 = Enabled
17.3
MREG
Multiple Register
1 = Multiple Register Access Enabled
R/W
0
Access Enable
0 = No Multiple Register Access
17.2
INT_MDIO
Interrupt Scheme
1 = Interrupt Signaled With MDIO Pulse During Idle
R/W
0
Select
0 = Interrupt Not Signalled On MDIO
17.1
R/J_CFG
R/J Configuration
1 = RX_EN/JAM Pin Is Configured To Be JAM
R/W
0
Select
0 = RX_EN/JAM Pin Is Configured To Be RX_EN
17.0
Reserved
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com