Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80221 Datasheet(PDF) 73 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 73 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 69Page - LSI Computer Systems 80221 Datasheet HTML 70Page - LSI Computer Systems 80221 Datasheet HTML 71Page - LSI Computer Systems 80221 Datasheet HTML 72Page - LSI Computer Systems 80221 Datasheet HTML 73Page - LSI Computer Systems 80221 Datasheet HTML 74Page - LSI Computer Systems 80221 Datasheet HTML 75Page - LSI Computer Systems 80221 Datasheet HTML 76Page - LSI Computer Systems 80221 Datasheet HTML 77Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
80220/80221
4-73
MD400159/E
73
LINK PULSE TIMING CHARACTERISTICS
Refer to Figures 28-30 for Timing Diagrams
LIMIT
SYM
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
t
61
NLP Transmit Link
See Figure 7
ns
Pulse Width
t
62
NLP Transmit Link
8
24
mS
Pulse Period
t
63
NLP Receive Link Pulse
50
nS
Width Required For
Detection
t
64
NLP Receive Link Pulse
6
7
mS
link_test_min
Minimum Period
Required For Detection
t
65
NLP Receive Link Pulse
50
150
mS
link_test_max
Maximum Period
Required For Detection
t
66
NLP Receive Link
3
3
3
Link
lc_max
Pulses Required To Exit
Pulses
Link Fail State
t
63a
T4LP Receive Link
40
nS
Pulse Width Required
For Detection
t
64a
T4LP Receive Link
0.15
0.45
mS
Pulse Minimum Period
Required For Detection
t
65a
T4LP Receive Link
5
6
mS
Pulse Maximum Period
Required For Detection
t
66a
T4LP Receive Link
31
Link
31 Link Pulses Are Required To Exit
Pulses Required To Exit
Pulses
Link Fail to Link Ready
Link Fail State
t
67
FLP Transmit Link
100
150
nS
Pulse Width
t
68
FLP Transmit Clock
55.5
62.5
69.5
µS
interval_timer
Pulse To Data Pulse
Period
t
69
FLP Transmit Clock
111
125
139
µS
Pulse To Clock Pulse
Period
t
70
FLP Transmit Link
8
22
mS
transmit_link_burst_timer
Pulse Burst Period
t
71
FLP Receive Link Pulse
50
nS
Width Required For
Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com