Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80221 Datasheet(PDF) 21 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 21 Page - LSI Computer Systems

Back Button 80221 Datasheet HTML 17Page - LSI Computer Systems 80221 Datasheet HTML 18Page - LSI Computer Systems 80221 Datasheet HTML 19Page - LSI Computer Systems 80221 Datasheet HTML 20Page - LSI Computer Systems 80221 Datasheet HTML 21Page - LSI Computer Systems 80221 Datasheet HTML 22Page - LSI Computer Systems 80221 Datasheet HTML 23Page - LSI Computer Systems 80221 Datasheet HTML 24Page - LSI Computer Systems 80221 Datasheet HTML 25Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
80220/80221
4-21
MD400159/E
21
start of packet for 10 Mbps mode is detected when valid
data is detected by the TP squelch circuit. When start of
packet is detected, CRS is asserted as described in the
Controller Interface section.
Refer to the TP squelch
section for 10 Mbps mode for the algorithm for valid data
detection.
3.12 END OF PACKET
3.12.1 100 Mbps
End of packet for 100 Mbps mode is indicated by a the End
of Stream Delimiter (referred to as ESD). The ESD pattern
consists of the two /T/R/ 4B5B symbols inserted after the
end of the packet, as defined in IEEE 802.3 Clause 24 and
shown in Figure 2.
The transmit ESD is generated by the 4B5B encoder and
the /T/R/ symbols are inserted by the 4B5B encoder after
the end of the transmit data packet, as shown in Figure 2.
The receive ESD pattern is detected by the 4B5B decoder
by examining groups of 10 consecutive code bits (two 5B
words) from the descrambler during valid packet reception
to determine if there is an ESD.
If the 10 consecutive code bits from the receiver during
valid packet reception consist of the /T/R/ symbols, the end
of packet is detected, data reception is terminated, CRS
and RX_DV are asserted, and /I/I/ symbols are substituted
in place of the /T/R/ symbols.
If 10 consecutive code bits from the receiver during valid
packet reception do not consist of /T/R/ symbols but
consist of /I/I/ symbols instead, then the packet is consid-
ered to have been terminated prematurely and abnor-
mally. When this premature end of packet condition is
detected, RX_ER is asserted for the nibble associated with
the first /I/ symbol detected and then CRS and RX_DV are
deasserted.
Premature end of packet condition is also
indicated by setting the bad ESD bit in the MI serial port
Status Output register.
3.12.2 10 Mbps
The end of packet for 10 Mbps mode is indicated with the
SOI (Start of Idle) pulse. The SOI pulse is a positive pulse
containing a Manchester code violation inserted at the end
of every packet .
The transmit SOI pulse is generated by the TP transmitter
and inserted at the end of the data packet after TX_EN is
deasserted. The transmitted SOI output pulse at the TP
output is shaped by the transmit waveshaper to meet the
pulse template requirements specified in
IEEE 802.3
Clause 14 and shown in Figure 6.
The receive SOI pulse is detected by the TP receiver by
sensing missing data transitions. Once the SOI pulse is
detected, data reception is ended and CRS and RX_DV
are deasserted.
0 BT
4.5 BT
6.0 BT
+50 mV
45.0 BT
4.5 BT
2.5 BT
2.25 BT
0.25 BT
0.5 V/ns
3.1 V
–50 mV
585 mV
–3.1 V
585 mV sin(2
(t/1BT))
0
t
0.25 BT and
2.25
t
2.5 BT
***
Figure 6. SOI Output Voltage Template - 10 Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com