Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80221 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # 80221
Description  100BASE-TX/10BASE-T Ethernet Media Interface Adapter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

80221 Datasheet(HTML) 1 Page - LSI Computer Systems

  80221 Datasheet HTML 1Page - LSI Computer Systems 80221 Datasheet HTML 2Page - LSI Computer Systems 80221 Datasheet HTML 3Page - LSI Computer Systems 80221 Datasheet HTML 4Page - LSI Computer Systems 80221 Datasheet HTML 5Page - LSI Computer Systems 80221 Datasheet HTML 6Page - LSI Computer Systems 80221 Datasheet HTML 7Page - LSI Computer Systems 80221 Datasheet HTML 8Page - LSI Computer Systems 80221 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 91 page
background image
80220/80221
4-1
MD400159/E
1
80220/80221
100BASE-TX/10BASE-T Ethernet
Media Interface Adapter
Features
s Single Chip 100Base-TX / 10Base-T Physical Layer
Solution
s Dual Speed - 100/10 Mbps
s Half And Full Duplex
s MII Interface To Ethernet Controller
s MI Interface For Configuration & Status
s Optional Repeater Interface
s AutoNegotiation: 10/100, Full/Half Duplex
s Meets All Applicable IEEE 802.3, 10Base-T,
100Base-TX Standards
s On Chip Wave Shaping - No External Filters
Required
s Adaptive Equalizer
s Baseline Wander Correction
s Interface to External 100Base-T4 PHY
s LED Outputs
- Link
- Activity
- Collision
- Full Duplex
- 10/100
- User Programmable
s Many User Features And Options
s Few External Components
s Pin configuration
- 44L PLCC - 80220
- 64L LQFP - 80221
98184
Description
The 80220/80221 are highly integrated analog interface
IC's for twisted pair Ethernet applications. The 80220/
80221 can be configured for either 100 Mbps (100Base-
TX) or 10 Mbps (10Base-T) Ethernet operation.
The
80220 is packaged in a 44L package, while the 80221 is
packaged in a 64L package and contains a few more
features.
The 80220/80221 consist of 4B5B/Manchester encoder/
decoder, scrambler/descrambler, 100Base-TX/10Base-T
twisted pair transmitter with wave shaping and output
driver, 100Base-TX/10Base-T twisted pair receiver with
on chip equalizer and baseline wander correction, clock
and data recovery, AutoNegotiation, controller interface
(MII), and serial port (MI).
The addition of internal output waveshaping circuitry and
on-chip filters eliminates the need for external filters nor-
mally required in 100Base-TX and 10Base-T applications.
The 80220/80221 can automatically configure itself for
100 or 10 Mbps and Full or Half Duplex operation with the
on-chip AutoNegotiation algorithm.
The 80220/80221 can access eleven 16-bit registers though
the Management Interface (MI) serial port. These registers
contain configuration inputs, status outputs, and device
capabilities.
The
80220/80221 are ideal as
media interfaces for
100Base-TX/10Base-T adapter cards, motherboards, re-
peaters, switching hubs, and external PHY's.
Note: Check for latest Data Sheet revision
before starting any designs.
SEEQ Data Sheets are now on the Web, at
www.lsilogic.com.
This document is an LSI Logic document. Any
reference to SEEQ Technology should be
considered LSI Logic.


Similar Part No. - 80221

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8022166 FESTO-8022166 Datasheet
81Kb / 1P
Interlinking block
8022170 FESTO-8022170 Datasheet
82Kb / 1P
Interlinking block
8022171 FESTO-8022171 Datasheet
82Kb / 1P
Interlinking block
8022172 FESTO-8022172 Datasheet
84Kb / 1P
Interlinking block
8022173 FESTO-8022173 Datasheet
84Kb / 1P
Interlinking block
More results

Similar Description - 80221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF8509 ETC-LF8509 Datasheet
52Kb / 1P
FAST ETHERNET 10BASE-T/100BASE-TX TRANSFORMER MODULES
UT12118 ETC1-UT12118 Datasheet
40Kb / 1P
FAST ETHERNET 10BASE-T/100BASE-TX TRANSRORMER MODULE
L80227 ETC1-L80227 Datasheet
689Kb / 140P
10BASE-T/ 100BASE-TX Ethernet PHY
logo
Texas Instruments
TNETE2101 TI-TNETE2101 Datasheet
497Kb / 39P
10BASE-T/100BASE-TX/100BASE-FX LOW-POWER PHYSICAL-LAYER INTERFACE
logo
Integrated Device Techn...
ICS1894-32 IDT-ICS1894-32 Datasheet
413Kb / 53P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-40 IDT-ICS1894-40 Datasheet
465Kb / 52P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-32 IDT-ICS1894-32_1 Datasheet
489Kb / 53P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-32 IDT-ICS1894-32_10 Datasheet
317Kb / 50P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
logo
Renesas Technology Corp
ICS1894-32 RENESAS-ICS1894-32 Datasheet
513Kb / 51P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
REV M 021512
ICS1894-44 RENESAS-ICS1894-44 Datasheet
611Kb / 54P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
030112
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com