Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16640B Datasheet (PDF) - Renesas Technology Corp

UPD16640B Datasheet PDF - Renesas Technology Corp
Part # UPD16640B
Download  UPD16640B Download
File Size   275.55 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD16640B Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16640B Datasheet PDF - Renesas Technology Corp

Part # UPD16640B
Download  UPD16640B Click to download

File Size   275.55 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD16640B Datasheet (HTML) - Renesas Technology Corp


UPD16640B Product details

FEATURES
• CMOS level input
• 6 bits (gray scale data) ´ 3 dots input
• 64-value output by 11 external power supplies and internal D/A converter
• Output voltage range: VSS2 + 0.1 V to VDD2 – 0.1 V
• High-speed data transfer: fMAX. = 55 MHz MIN. (internal data transfer speed when operating at 3.0 V)
• Precharge-less output buffer
• Level of g-corrected power supply can be inverted
• Number of outputs selectable (Osel = H: 300 outputs, Osel = L: 309 outputs)
• Supply voltage of driver circuit selectable (Vsel = H: 3.3 V, Vsel = L: 5.0 V)
• Slim TCP
• Input data inversion function (INV)
• Logic power supply (VDD1): 3.3 V ± 0.3 V
• Driver power supply (VDD2): 3.3 V ± 0.3 V (Vsel = H)
5.0 V ± 0.5 V (Vsel = L)




Similar Part No. - UPD16640B

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16640C NEC-UPD16640C Datasheet
105Kb / 16P
300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
logo
Renesas Technology Corp
UPD16640C RENESAS-UPD16640C Datasheet
237Kb / 18P
MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD16640CN NEC-UPD16640CN Datasheet
105Kb / 16P
300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
logo
Renesas Technology Corp
UPD16640CN-XXX RENESAS-UPD16640CN-XXX Datasheet
237Kb / 18P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD16640B

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com