Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16640B Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD16640B
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16640B Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD16640B Datasheet HTML 1Page - Renesas Technology Corp UPD16640B Datasheet HTML 2Page - Renesas Technology Corp UPD16640B Datasheet HTML 3Page - Renesas Technology Corp UPD16640B Datasheet HTML 4Page - Renesas Technology Corp UPD16640B Datasheet HTML 5Page - Renesas Technology Corp UPD16640B Datasheet HTML 6Page - Renesas Technology Corp UPD16640B Datasheet HTML 7Page - Renesas Technology Corp UPD16640B Datasheet HTML 8Page - Renesas Technology Corp UPD16640B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
MOS INTEGRATED CIRCUIT
µµµµ PD16640B
1998
©
Document No. S12581EJ1V0DS00 (1st edition)
Date Published March 1999 NS CP(K)
Printed in Japan
DATA SHEET
300/309-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALE)
The mark 5 shows major revised points.
The
µ PD16640B is a source driver for TFT-LCD 64 gray scale displays. Its logic circuit operates at 3.3 V and the
driver circuit operates at 3.3 or 5.0 V (selectable). The input data is digital data at 6 bits
× 3 dots, and 260,000 colors
can be displayed in 64-value outputs
γ-corrected by the internal D/A converter and 11 external power supplies.
The clock frequency is 55 MHz MIN.
By switching over the number of outputs between 300 and 309, the
µ PD16640B can be used in TFT-LCD panels conforming to the SVGA/XGA standards.
FEATURES
CMOS level input
6 bits (gray scale data)
× 3 dots input
64-value output by 11 external power supplies and internal D/A converter
Output voltage range: VSS2 + 0.1 V to VDD2 – 0.1 V
High-speed data transfer: fMAX. = 55 MHz MIN. (internal data transfer speed when operating at 3.0 V)
Precharge-less output buffer
Level of
γ-corrected power supply can be inverted
Number of outputs selectable (Osel = H: 300 outputs, Osel = L: 309 outputs)
Supply voltage of driver circuit selectable (Vsel = H: 3.3 V, Vsel = L: 5.0 V)
Slim TCP
Input data inversion function (INV)
Logic power supply (VDD1): 3.3 V
± 0.3 V
Driver power supply (VDD2): 3.3 V
± 0.3 V (Vsel = H)
5.0 V
± 0.5 V (Vsel = L)
ORDERING INFORMATION
Part Number
Package
µ PD16640BN- xxx
TCP (TAB package)
Remark
The TCP’s external shape is custom-order item. Users are requested to consult with a NEC sales
representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com