Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16640B Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPD16640B
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16640B Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPD16640B Datasheet HTML 3Page - Renesas Technology Corp UPD16640B Datasheet HTML 4Page - Renesas Technology Corp UPD16640B Datasheet HTML 5Page - Renesas Technology Corp UPD16640B Datasheet HTML 6Page - Renesas Technology Corp UPD16640B Datasheet HTML 7Page - Renesas Technology Corp UPD16640B Datasheet HTML 8Page - Renesas Technology Corp UPD16640B Datasheet HTML 9Page - Renesas Technology Corp UPD16640B Datasheet HTML 10Page - Renesas Technology Corp UPD16640B Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet S12581EJ1V0DS00
5
µµµµ PD16640B
4. RELATION BETWEEN INPUT DATA AND OUTPUT VOLTAGE VALUE
The 11 major points on the
γ characteristic curve of the LCD panel are arbitrarily set by external power supplies V0
through V10. If the display data is 00H or 3FH, gray scale voltage V0 or V10 is output. If the display data is in the
range 01H to 3EH, the high-order 3 bits select an external powers pair Vn+1, Vn. The low-order 3 bits evenly divide
the range of Vn+1 to Vn into eight segments by means of D/A conversion (however, the ranges from V9 to V8 and from
V2 to V1 are divided into seven segments) to output a 64-grayscale voltage.
DX5 (MSB)
DX4
DX3
DX2
DX1
DX0 (LSB)
High-order 3 bits :
γ-corrected power selected
(Vn, Vn+1)
Low-order 3 bits : 3-bit D/A
(range Vn to Vn+1 is divided into 7 or 8 segnents)
DX5
0
0
0
0
1
1
1
1
DX4
0
0
1
1
0
0
1
1
DX3
0
1
0
1
0
1
0
1
Vn to Vn+1
V1 to V2
V2 to V3
V3 to V4
V4 to V5
V5 to V6
V6 to V7
V7 to V8
V8 to V9
1
2
3
4
5
6
7
8
Vn
000 001 010 011 100 101 110 111
Vn+1
DX2 to DX0
7 segments
8 segments
8 segments
8 segments
8 segments
8 segments
8 segments
7 segments
Gray-scale supply specified
by 00H
Gray-scale supply specified
by 3FH
Input data (HEX)
V1
V2
V3
V4
V5
V6
V7
V8
V9
0.1 V
VDD2
V0
0.1 V
V10
VSS2
Figure4
−1. Relationship between Input Data and γ-corrected Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com