Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16640B Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD16640B
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16640B Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD16640B Datasheet HTML 10Page - Renesas Technology Corp UPD16640B Datasheet HTML 11Page - Renesas Technology Corp UPD16640B Datasheet HTML 12Page - Renesas Technology Corp UPD16640B Datasheet HTML 13Page - Renesas Technology Corp UPD16640B Datasheet HTML 14Page - Renesas Technology Corp UPD16640B Datasheet HTML 15Page - Renesas Technology Corp UPD16640B Datasheet HTML 16Page - Renesas Technology Corp UPD16640B Datasheet HTML 17Page - Renesas Technology Corp UPD16640B Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
tSETUP2
Dn0 to Dn5
Vout
CLK
STHR
(1st Dr.)
STHL
(1st Dr.)
STB
tHOLD1
tSETUP1
tPLH1
tSETUP3
tr
90%
10%
tINV
VDD1
VSS1
VDD1
VSS1
VDD1
VSS1
VDD1
VSS1
VDD1
VSS1
tHOLD2
PWCLK(L)
PWCLK
tSPL
tf
1
D1 to D3
D1 to D3
D4 to D6
D304 to
D306
D307 to
D309
D310 to
D312
D3067 to
D3069
D3070 to
D3072
D4 to D6
1024
1025
2
104
105
3
12
103
INVALID
INVALID
tCLK-STB
PWCLK(H)
tSPR1/2
tLDT
Hi-Z
tPLH31/32
Target Voltage ±0.1 VDD2
6-bit accuracy
tPLH21/22
tPHL31/32
tPHL21/22
1023
D3066 to
D3068
tPHL1
INV
tSETUP4
VDD1
VSS1
INVALID
INVALID
tHOLD4
tSTB-CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com