Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16640B Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UPD16640B
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16640B Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UPD16640B Datasheet HTML 8Page - Renesas Technology Corp UPD16640B Datasheet HTML 9Page - Renesas Technology Corp UPD16640B Datasheet HTML 10Page - Renesas Technology Corp UPD16640B Datasheet HTML 11Page - Renesas Technology Corp UPD16640B Datasheet HTML 12Page - Renesas Technology Corp UPD16640B Datasheet HTML 13Page - Renesas Technology Corp UPD16640B Datasheet HTML 14Page - Renesas Technology Corp UPD16640B Datasheet HTML 15Page - Renesas Technology Corp UPD16640B Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Data Sheet S12581EJ1V0DS00
10
µµµµ PD16640B
Electrical Characteristics (TA = –10 to +75
°C, VDD1 = 3.3 V ±±±± 0.3 V, VDD2 = 3.3 V ±±±± 0.3 V or 5.0 V ±±±± 0.5 V,
VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input Leakage Current
IIL
R,/L, CLK, STB, INV, STHR(STHL),
D00 to D05, D10 to D15, D20 to D25
±1.0
µ A
Pull-up Resistor
RPU
VDD1 = 3.3 V, Osel, Vsel
40
100
250
k
High-Level Output Voltage
VOH
STHR (STHL), IO = –1.0 mA
VDD1 – 0.5
V
Low-Level Output Voltage
VOL
STHR (STHL), IO = +1.0 mA
0.5
V
V0 to V1
100
200
400
µ A
V1 to V2
54
109
218
µ A
V2 to V3
39
79
158
µ A
V3 to V4
68
137
274
µ A
V4 to V5
109
219
438
µ A
V5 to V6
116
232
464
µ A
V6 to V7
144
288
576
µ A
V7 to V8
116
232
464
µ A
V8 to V9
72
145
290
µ A
Static Current Consumption
of
γ-Corrected Power
(VDD2 = 3.3 V or 5.5 V)
IVn1
VDD1 = 3.3 V,
VDD2 = 3.3 V
V9 to V10
92
185
370
µ A
IVOH1
STB = 3.3 V,
VOUT = 2.7 V, VX = 3.2 V
Note1
,
VDD1 = VDD2 = 3.3 V
−46
−20
µ A
Driver Output Current
(VDD2 = 3.3 V)
IVOL1
STB = 3.3 V,
VOUT = 0.6 V, VX = 0.1 V
Note1
,
VDD1 = VDD2 = 3.3 V
30
62
µ A
IVOH2
STB = 5.0 V,
VOUT = 4.4 V, VX = 4.9 V
Note1
,
VDD1 = 3.3 V, VDD2 = 5.0 V
−69
−30
µ A
Driver Output Current
(VDD2 = 5.0 V)
IVOL2
STB = 5.0 V,
VOUT = 0.6 V, VX = 0.1 V
Note1
,
VDD1 = 3.3 V, VDD2 = 5.0 V
40
81
µ A
Output Voltage Deviation
∆VO
VDD1 = 3.3 V, VDD2 = 3.3 V or 5.0 V,
VOUT = 0.5 V
Note1
, 0.5 VDD2, VDD2 – 0.5 V
±10
±20
mV
Output Voltage Range
VO
Input data: 00H to 3FH
VSS2 + 0.1
VDD2 – 0.1
V
Dynamic Logic Current
Consumption
IDD1
No load
Note2
0.5
2.5
mA
Dynamic Driver Current
Consumption
IDD21
No load, VDD2 = 3.3 V
Note2
9.0
mA
Dynamic Driver Current
Consumption
IDD22
No load, VDD2 = 5.0 V
Note2
9.0
mA
Note1. VX is output voltage of analog output pin S1 to S309.
VOUT is the voltage applied to analog output pin S1 to S309.
2. The STB cycle is specified at 31
µ s and fCLK = 16 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com