Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPU2065S5 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPU2065S5 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPU2065S5
Download  TPU2065S5 Download
File Size   5763.03 Kbytes
Page   13 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2.0A Low Loss Power Switch With Flag

TPU2065S5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPU2065S5 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPU2065S5
Download  TPU2065S5 Click to download

File Size   5763.03 Kbytes
Page   13 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 2.0A Low Loss Power Switch With Flag

TPU2065S5 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPU2065S5 Product details

Features
- Wide Input Voltage Range: 2.5V to 5.5V
- Compliant to USB Specifications
- TPU2061/TPU2065 Enable Active Low/High
- Typical Rdson
70mQ (SOT-23-5L)
- Typical 2.1V under voltage lockout
Output can be forced higher than input (Off-state)
- Low supply current
Less than 1uA at the off state
35uA at switch on state
- Guaranteed 2A continuous load current
- Open Drain Fault Flag Output
- Hot Plug-In Application(Soft start)
- Current Limiting Protection
- Thermal Shutdown Protection
- Reverse Current Flow Blocking (no body diode)
- RoHS and Halogen free compliance
- UL Approved-E353665
- TuV EN60950-1 Certification
- CBIEC60950-1 Certification




Similar Part No. - TPU2065S5

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPU2012S5 TECHPUBLIC-TPU2012S5 Datasheet
4Mb / 9P
Low Loss Power Switch With Flag
TPU2013CSP4 TECHPUBLIC-TPU2013CSP4 Datasheet
2Mb / 5P
Low Quiescent current Load Switch
TPU2013CSP4-1 TECHPUBLIC-TPU2013CSP4-1 Datasheet
2Mb / 5P
Low Quiescent current Load Switch
TPU2013S5 TECHPUBLIC-TPU2013S5 Datasheet
4Mb / 9P
Low Loss Power Switch With Flag
logo
TOKO, Inc
TPU207 TOKO-TPU207 Datasheet
18Kb / 2P
PIEZOELECTRIC INVERTER MODULE
More results


Similar Description - TPU2065S5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3274 INTERSIL-CA3274 Datasheet
27Kb / 5P
Current Limiting Power Switch with Current Limiter Sense Flag
April 1994
logo
Richtek Technology Corp...
RT9703 RICHTEK-RT9703 Datasheet
369Kb / 14P
80m?? 3A Smart Universal Power Switch with Flag
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
2.0A Output Type Low Power-Loss Voltage Regulator
logo
Richtek Technology Corp...
RT9703 RICHTEK-RT9703_07 Datasheet
246Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
RT9706 RICHTEK-RT9706 Datasheet
295Kb / 14P
80m廓, 500mA High-Side Power Switch with Flag
logo
YOBON TECHNOLOGIES,INC.
YB1901 YOBON-YB1901 Datasheet
859Kb / 12P
2.0A High-Side Power Switch with Flag
logo
Unisonic Technologies
US201 UTC-US201 Datasheet
256Kb / 6P
POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9703 RICHTEK-RT9703_11 Datasheet
262Kb / 14P
80m廓, 3A Smart Universal Power Switch with Flag
logo
BCD Semiconductor Manuf...
AP2820 BCDSEMI-AP2820 Datasheet
653Kb / 18P
High-side Power Distribution Switch with Enable and Flag
logo
ACE Technology Co., LTD...
ACE346N ACE-ACE346N Datasheet
286Kb / 4P
Low Loss Power Distribution Switch
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com