Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7753GCS Datasheet (PDF) - Richtek Technology Corporation

RT7753GCS Datasheet PDF - Richtek Technology Corporation
Part # RT7753GCS
Download  RT7753GCS Download
File Size   124.48 Kbytes
Page   1 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description PWM Controller for Programmable Power Converter (USBPD)

RT7753GCS Datasheet (PDF)

Go To PDF Page Download Datasheet
RT7753GCS Datasheet PDF - Richtek Technology Corporation

Part # RT7753GCS
Download  RT7753GCS Click to download

File Size   124.48 Kbytes
Page   1 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description PWM Controller for Programmable Power Converter (USBPD)

RT7753GCS Datasheet (HTML) - Richtek Technology Corporation


RT7753GCS Product details

General Description
The RT7753GCS series is specifically designed to
work with controllers, such as RT7202, to provide a
total solution for the USB Power Delivery (USB PD) or
a programmable power adapter. This RT7753GCS not
only provides a control scheme of high power efficiency,
but also gives a very low standby power control below
50mW when under the 5V standby condition.
The RT7753GCS is such a special design to achieve a
wide-range of output voltage by utilizing several
innovations, including (1) By using the DMAG pin, the
RT7753GCS senses the output voltage to adjust the
loop gain for system stability, to adjust the threshold
voltage of the output over-voltage protection, to protect
external devices, and to adjust the current limit to meet
Limited Power Source (LPS) safety requirements; (2)
The RT7753GCS is also equipped with comprehensive
protection features, including Bulk-Capacitor brown-in
/brown-out protection, VDD over-voltage protection
(VDD OVP), output over-voltage/under-voltage
protection (Output OVP/UVP), secondary rectifier
short-circuit protection (SRSP), and external
over-temperature protection (External OTP); (3) For
constant output power regulation, a resistor connected
to CS pin can be used to achieve an accurate line
compensation across the universal input voltage range;
and (4) The RT7753GCS also provides various
features to protect against any failures occurring at the
secondary-side component, such as the RT7202 or a
shunt regulator.
In applications, the RT7753GCS is suggested to use
with a secondary controller RT7202 to realize a robust
and safe design so as to prevent all potential fault
conditions due to misconnection of various devices,
cables, plugs or receptacles.

Features
 Optimized for Adaptive Output Power
 Wide VDD Range : 9V to 42V
 Adaptive Output Over-Voltage Protection
 Adaptive Over-Current Protection
 Adaptive Loop Gain Control for Loop Stability
 High Efficiency
 Green Mode Operation at Light Load and No
Load
 Comprehensive Protection Features
 Bulk-Capacitor Brown-In and Brown-Out
Protection
 VDD Over-Voltage Protection
 Output Over-Voltage and Under-Voltage
Protection
 External Over-Temperature Protection
 Secondary Rectifier Short-Circuit Protection
 Programmable Line Compensation
 Others
 < 50mW in 5V Standby Mode for Power Saving
 Driver Capability : 300mA/300mA
 SmartJitterTM Technology

Applications
 USB PD and Programmable Power Adapters




Similar Part No. - RT7753GCS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7736 RICHTEK-RT7736 Datasheet
684Kb / 23P
SmartJitterTM PWM Flyback Controller
June 2019
RT7736BGE RICHTEK-RT7736BGE Datasheet
684Kb / 23P
SmartJitterTM PWM Flyback Controller
June 2019
RT7736EGE RICHTEK-RT7736EGE Datasheet
684Kb / 23P
SmartJitterTM PWM Flyback Controller
June 2019
RT7736FGE RICHTEK-RT7736FGE Datasheet
684Kb / 23P
SmartJitterTM PWM Flyback Controller
June 2019
RT7736GGE RICHTEK-RT7736GGE Datasheet
684Kb / 23P
SmartJitterTM PWM Flyback Controller
June 2019
More results


Similar Description - RT7753GCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1851 TI-UC1851 Datasheet
576Kb / 7P
Programmable, Off-Line, PWM Controller
logo
Elantec Semiconductor
EL7571C ELANTEC-EL7571C Datasheet
480Kb / 23P
Programmable PWM Controller
logo
List of Unclassifed Man...
RT9233 ETC-RT9233 Datasheet
197Kb / 8P
4 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
RT9223 ETC-RT9223 Datasheet
139Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
Intersil Corporation
EL7571 INTERSIL-EL7571 Datasheet
310Kb / 19P
Programmable PWM Controller
October 25, 2004
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
Programmable, Off-Line, PWM Controller
logo
Renesas Technology Corp
EL7571 RENESAS-EL7571 Datasheet
847Kb / 19P
Programmable PWM Controller
logo
Richtek Technology Corp...
RT7786LEC RICHTEK-RT7786LEC Datasheet
121Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
June 2019
RT7791 RICHTEK-RT7791 Datasheet
126Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
January 2021
RT7791P RICHTEK-RT7791P Datasheet
126Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
January 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com