Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7791P Datasheet (PDF) - Richtek Technology Corporation

RT7791P Datasheet PDF - Richtek Technology Corporation
Part # RT7791P
Download  RT7791P Download
File Size   126.37 Kbytes
Page   1 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description PWM Controller for Programmable Power Converter (USBPD)

RT7791P Datasheet (PDF)

Go To PDF Page Download Datasheet
RT7791P Datasheet PDF - Richtek Technology Corporation

Part # RT7791P
Download  RT7791P Click to download

File Size   126.37 Kbytes
Page   1 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description PWM Controller for Programmable Power Converter (USBPD)

RT7791P Datasheet (HTML) - Richtek Technology Corporation


RT7791P Product details

General Description
The RT7791P series is specifically designed to work
with controllers, such as the RT7202, so as to provide a
total solution for the USB PD or a programmable power
adapter. The RT7791P can achieve high efficiency,
meet safety standards, and consume less than 50mW
of power in a 5V standby condition.
The RT7791P possesses several innovations in
system control, by which the RT7791P can therefore
allow one to design a power a solution with a wide
range of output voltage. One of the innovations is by
using the DMAG pin, the RT7791P senses output
voltage to adjust loop gain for system stability, to adjust
output over-voltage protection threshold voltage for
external devices protection, and to adjust current limit
for Limited Power Source (LPS) safety requirements.
The RT7791P is also equipped with comprehensive
protection features, including Bulk-Capacitor brown-in
brown-out protection, VDD over-voltage protection
VDD OVP), output over-voltage/under-voltage
protection (Output OVP/UVP), secondary rectifier
short-circuit protection (SRSP), and external
over-temperature protection (External OTP). In case
for constant output power regulation, a resistor
connected to CS pin can be used to achieve accurate
line compensation across the universal input voltage
range. Moreover the RT7791P moreover provides
various features to protect against failures occurring at
the secondary-side component, such as the RT7202 or
a shunt regulator.
In applications, the RT7791P is suggested to use with
a Secondary controller RT7202 to realize a robust and
safe design, especially to prevent the potential fault
scenarios, due to the mis-connection of various devices,
cables, plugs and receptacles.

Features
 Optimized for Adaptive Output Power
 Integrated Low-Dropout Regulator (LDO)
 Wide VDD Range : 10V to 40V
 Adaptive Over-Current Protection
 Adaptive Loop Gain Control for Loop Stability
 High Efficiency
 Green Mode Operation at Light Load or No
Load
 Comprehensive Protection Features
 Bulk-Capacitor Brown-In and Brown-Out
Protection
 OTP Pin for External Over-Temperature
Protection
 VDD Over-Voltage Protection
 Output Over-Voltage and Under-Voltage
Protection
 Secondary Rectifier Short-Circuit Protection
 Programmable Line Compensation
 Others
 < 50mW in 5V Standby Mode for Power Saving
 Driver Capability : 300mA/300mA
 SmartJitterTM Technology

Applications
 USB PD and Programmable Power Adapters




Similar Part No. - RT7791P

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7791 RICHTEK-RT7791 Datasheet
126Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
January 2021
More results


Similar Description - RT7791P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1851 TI-UC1851 Datasheet
576Kb / 7P
Programmable, Off-Line, PWM Controller
logo
Elantec Semiconductor
EL7571C ELANTEC-EL7571C Datasheet
480Kb / 23P
Programmable PWM Controller
logo
List of Unclassifed Man...
RT9233 ETC-RT9233 Datasheet
197Kb / 8P
4 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
RT9223 ETC-RT9223 Datasheet
139Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
Intersil Corporation
EL7571 INTERSIL-EL7571 Datasheet
310Kb / 19P
Programmable PWM Controller
October 25, 2004
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
Programmable, Off-Line, PWM Controller
logo
Renesas Technology Corp
EL7571 RENESAS-EL7571 Datasheet
847Kb / 19P
Programmable PWM Controller
logo
Richtek Technology Corp...
RT7753GCS RICHTEK-RT7753GCS Datasheet
124Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
January 2021
RT7786LEC RICHTEK-RT7786LEC Datasheet
121Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
June 2019
RT7791 RICHTEK-RT7791 Datasheet
126Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
January 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com