Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7786LEC Datasheet (PDF) - Richtek Technology Corporation

RT7786LEC Datasheet PDF - Richtek Technology Corporation
Part # RT7786LEC
Download  RT7786LEC Download
File Size   121.23 Kbytes
Page   1 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description PWM Controller for Programmable Power Converter (USBPD)

RT7786LEC Datasheet (PDF)

Go To PDF Page Download Datasheet
RT7786LEC Datasheet PDF - Richtek Technology Corporation

Part # RT7786LEC
Download  RT7786LEC Click to download

File Size   121.23 Kbytes
Page   1 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description PWM Controller for Programmable Power Converter (USBPD)

RT7786LEC Datasheet (HTML) - Richtek Technology Corporation


RT7786LEC Product details

General Description
The RT7786LEC series is specifically designed to work
with controllers, such as RT7207, so as to provide a
total solution for the USB PD or the programmable
power adapter. The RT7786LEC is able to achieve the
high efficiency performance, meet safety standards,
and consume low standby power, which is normally
less than 30mW in a 5V standby condition.
The RT7786LEC offers several innovative features in
order to provide a solution having the wide-range
output voltages. By using the DMAG pin, the
RT7786LEC senses output voltages to adjust the loop
gain for system stability, to adjust the output
over-voltage protection threshold voltage for external
device protection, and to adjust the current limit to meet
Limited Power Source (LPS) safety requirements.
The RT7786LEC is also equipped with comprehensive
protection features, including brown-in/brown-out
protection, VDD over-voltage protection (VDD OVP),
output over-voltage/under-voltage protection (Output
OVP/UVP), secondary rectifier short-circuit protection
(SRSP), and external over-temperature protection
(External OTP). For an application with constant output
power regulation, a resistor connected to CS pin can be
used to achieve the accurate line compensation across
the universal input voltage range. The RT7786LEC
also provides various features to protect against
failures occurring at the secondary-side component,
such as the RT7207 or a shunt regulator.
The RT7786LEC and the RT7207 can be used
together to realize a robust and safe design preventing
all potential fault scenarios, due to versatile and
unknown connections of various devices, cables, plugs
and receptacles.

Features
 Optimized for Adaptive Output Power
 Wide VDD Range : 10V to 32V
 Adaptive Over-Current Protection
 Adaptive Loop Gain Control for Loop Stability
 High Efficiency
 Green Mode Operation at Light Load or No
Load
 Comprehensive Protection Features
 Brown-In and Brown-Out Protection
 VDD Over-Voltage Protection
 Output Over-Voltage and Under-Voltage
Protection
 External Over-Temperature Protection
 Secondary Rectifier Short-Circuit Protection
 Programmable Line Compensation
 Others
 < 30mW in 5V Standby Mode for Power Saving
 Driver Capability : 300mA/300mA
 SmartJitterTM Technology

Applications
 USB PD
 Programmable Power Adapters




Similar Part No. - RT7786LEC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7736 RICHTEK-RT7736 Datasheet
684Kb / 23P
SmartJitterTM PWM Flyback Controller
June 2019
RT7736BGE RICHTEK-RT7736BGE Datasheet
684Kb / 23P
SmartJitterTM PWM Flyback Controller
June 2019
RT7736EGE RICHTEK-RT7736EGE Datasheet
684Kb / 23P
SmartJitterTM PWM Flyback Controller
June 2019
RT7736FGE RICHTEK-RT7736FGE Datasheet
684Kb / 23P
SmartJitterTM PWM Flyback Controller
June 2019
RT7736GGE RICHTEK-RT7736GGE Datasheet
684Kb / 23P
SmartJitterTM PWM Flyback Controller
June 2019
More results


Similar Description - RT7786LEC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1851 TI-UC1851 Datasheet
576Kb / 7P
Programmable, Off-Line, PWM Controller
logo
Elantec Semiconductor
EL7571C ELANTEC-EL7571C Datasheet
480Kb / 23P
Programmable PWM Controller
logo
List of Unclassifed Man...
RT9233 ETC-RT9233 Datasheet
197Kb / 8P
4 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
RT9223 ETC-RT9223 Datasheet
139Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
Intersil Corporation
EL7571 INTERSIL-EL7571 Datasheet
310Kb / 19P
Programmable PWM Controller
October 25, 2004
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
Programmable, Off-Line, PWM Controller
logo
Renesas Technology Corp
EL7571 RENESAS-EL7571 Datasheet
847Kb / 19P
Programmable PWM Controller
logo
Richtek Technology Corp...
RT7753GCS RICHTEK-RT7753GCS Datasheet
124Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
January 2021
RT7791 RICHTEK-RT7791 Datasheet
126Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
January 2021
RT7791P RICHTEK-RT7791P Datasheet
126Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
January 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com