Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7791 Datasheet (PDF) - Richtek Technology Corporation

RT7791 Datasheet PDF - Richtek Technology Corporation
Part # RT7791
Download  RT7791 Download
File Size   126.75 Kbytes
Page   1 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description PWM Controller for Programmable Power Converter (USBPD)

RT7791 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT7791 Datasheet PDF - Richtek Technology Corporation

Part # RT7791
Download  RT7791 Click to download

File Size   126.75 Kbytes
Page   1 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description PWM Controller for Programmable Power Converter (USBPD)

RT7791 Datasheet (HTML) - Richtek Technology Corporation


RT7791 Product details

General Description
The RT7791 series is specifically designed to work with
controllers, such as the RT7202, to provide a total
solution for USB PD or a programmable power adapter.
The RT7791 can achieve high efficiency, meet safety
standards, and consume less than 50mW of power in a
5V standby condition.
The RT7791 includes several innovations in order to
provide a solution with a wide range of output voltage.
By way of DMAG pin, the RT7791 senses output
voltage to adjust loop gain for system stability, to adjust
output over-voltage protection threshold voltage to
protect external devices, and to adjust current limit to
meet Limited Power Source (LPS) safety requirements.
The RT7791 is also equipped with comprehensive
protection features, including Bulk-Capacitor brown-in
brown-out protection, VDD over-voltage protection
VDD OVP), output over-voltage/under-voltage
protection (Output OVP/UVP), secondary rectifier
short-circuit protection (SRSP), and external
over-temperature protection (External OTP). For
constant output power regulation, a resistor connected
to CS pin can be used to achieve accurate line
compensation across the universal input voltage range.
The RT7791 also provides various features to protect
against any failures occurring at the secondary-side
component, such as the RT7202 or a shunt regulator.
The RT7791 and the RT7202 work together to realize a
robust and safe design to prevent all the potential fault
scenarios, which may arise from versatile and unknown
connections to various devices, cables, plugs and
receptacles.

Features
 Optimized for Adaptive Output Power
 Integrated Low-Dropout Regulator (LDO)
 Wide VDD Range : 10V to 40V
 Adaptive Output Over-Voltage Protection
 Adaptive Over-Current Protection
 Adaptive Loop Gain Control for Loop Stability
 High Efficiency
 Green Mode Operation at Light Load or No
Load
 Comprehensive Protection Features
 Bulk-Capacitor Brown-In and Brown-Out
Protection
 OTP Pin for External Over-Temperature
Protection
 VDD Over-Voltage Protection
 Output Over-Voltage and Under-Voltage
Protection
 Secondary Rectifier Short-Circuit Protection
 Programmable Line Compensation
 Others
 < 50mW in 5V Standby Mode for Power Saving
 Driver Capability : 300mA/300mA
 SmartJitterTM Technology

Applications
 USB PD and Programmable Power Adapters




Similar Part No. - RT7791

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7791P RICHTEK-RT7791P Datasheet
126Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
January 2021
More results


Similar Description - RT7791

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1851 TI-UC1851 Datasheet
576Kb / 7P
Programmable, Off-Line, PWM Controller
logo
Elantec Semiconductor
EL7571C ELANTEC-EL7571C Datasheet
480Kb / 23P
Programmable PWM Controller
logo
List of Unclassifed Man...
RT9233 ETC-RT9233 Datasheet
197Kb / 8P
4 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
RT9223 ETC-RT9223 Datasheet
139Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
Intersil Corporation
EL7571 INTERSIL-EL7571 Datasheet
310Kb / 19P
Programmable PWM Controller
October 25, 2004
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
Programmable, Off-Line, PWM Controller
logo
Renesas Technology Corp
EL7571 RENESAS-EL7571 Datasheet
847Kb / 19P
Programmable PWM Controller
logo
Richtek Technology Corp...
RT7753GCS RICHTEK-RT7753GCS Datasheet
124Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
January 2021
RT7786LEC RICHTEK-RT7786LEC Datasheet
121Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
June 2019
RT7791P RICHTEK-RT7791P Datasheet
126Kb / 1P
PWM Controller for Programmable Power Converter (USBPD)
January 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com