Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2174C Datasheet (PDF) - MPS Industries, Inc.

MP2174C Datasheet PDF - MPS Industries, Inc.
Part # MP2174C
Download  MP2174C Download
File Size   990.95 Kbytes
Page   16 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 2.7V-5.5V,4A, High-Efficiency,Synchronous Step-Down Converter with Forced CCM in 2×2mm QFN

MP2174C Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2174C Datasheet PDF - MPS Industries, Inc.

Part # MP2174C
Download  MP2174C Click to download

File Size   990.95 Kbytes
Page   16 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 2.7V-5.5V,4A, High-Efficiency,Synchronous Step-Down Converter with Forced CCM in 2×2mm QFN

MP2174C Datasheet (HTML) - MPS Industries, Inc.


MP2174C Product details

DESCRIPTION
The MP2174C is a monolithic, step-down,
switch mode converter with built-in, internal
power MOSFETs. It achieves 4A of continuous
output current from a 2.7V to 5.5V input voltage
with excellent load and line regulation. The
output voltage can be regulated as low as 0.6V.
The constant-on-time (COT) control scheme
provides fast transient response and easy loop
stabilization.
Fault condition protections include
cyclebycycle
current limit and thermal
shutdown.
The MP2174C requires a minimal number of
readily available, standard external
components, and is available in an ultra-small
QFN-12 (2mmx2mm) package.
The MP2174C is ideal for a wide range of
applications, including PDAs, portable
instruments, DVD drives, and small handheld
devices.

FEATURES
 Forced PWM Mode Operation
 Wide 2.7V to 5.5V Operating Input Range
 Output Voltage as Low as 0.6V
 4A Output Current
 35mΩ and 18mΩ Internal Power MOSFET
 Peak Efficiency Above 96%
 1.1MHz Frequency
 100% Duty Cycle in Dropout
 0.5ms Internal Soft-Start Time
 EN and Power Good for Power Sequencing
 Auto-Discharge at Power-Off
 Short-Circuit Protection with Hiccup Mode
 Available in a QFN-12 (2mmx2mm)
Package

APPLICATIONS
 Storage Drives
 Portable/Handheld Devices
 Low-Voltage I/O System Power




Similar Part No. - MP2174C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2174CGG MPS-MP2174CGG Datasheet
493Kb / 7P
4A, 5.5V, 1.1MHz Synchronous Step-Down Switcher Evaluation Board
2/25/2019 Rev.1.0
More results


Similar Description - MP2174C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8709 MPS-MP8709 Datasheet
368Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP28254 MPS-MP28254 Datasheet
365Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE729C ACE-ACE729C Datasheet
448Kb / 8P
4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8034 BELLING-BL8034 Datasheet
710Kb / 5P
4A, 16V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1601A MPS-MP1601A Datasheet
1Mb / 17P
1A Synchronous Step-down Converter with Forced CCM Mode
MP21148 MPS-MP21148 Datasheet
1Mb / 14P
1A, Synchronous, Step-Down Converter with CCM
MP8847 MPS-MP8847 Datasheet
506Kb / 22P
6A, 2.7V-6V, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface In 2x3mm QFN
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
4A, 18V High Efficiency Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1488C HMSEMI-HM1488C Datasheet
877Kb / 5P
4A, 16V High Efficiency Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com