Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2174C Datasheet(PDF) 6 Page - MPS Industries, Inc.

Part # MP2174C
Description  2.7V-5.5V,4A, High-Efficiency,Synchronous Step-Down Converter with Forced CCM in 2×2mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2174C Datasheet(HTML) 6 Page - MPS Industries, Inc.

Back Button MP2174C Datasheet HTML 2Page - MPS Industries, Inc. MP2174C Datasheet HTML 3Page - MPS Industries, Inc. MP2174C Datasheet HTML 4Page - MPS Industries, Inc. MP2174C Datasheet HTML 5Page - MPS Industries, Inc. MP2174C Datasheet HTML 6Page - MPS Industries, Inc. MP2174C Datasheet HTML 7Page - MPS Industries, Inc. MP2174C Datasheet HTML 8Page - MPS Industries, Inc. MP2174C Datasheet HTML 9Page - MPS Industries, Inc. MP2174C Datasheet HTML 10Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MP2174C
– 5.5V, 4A, 1.1MHZ, SYNCHRONOUS STEP-DOWN SWITCHER
MP2174C Rev. 1.0
www.MonolithicPower.com
6
8/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, VOUT = 1.2V, L = 1µH, TA = 25°C, unless otherwise noted.
Efficiency vs. Output Current
VIN = 3.3V
Efficiency vs. Output Current
VIN = 5V
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
OUTPUT CURRENT (A)
Vout=1.2V
Vout=1.8V
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
OUTPUT CURRENT (A)
Vout=1.2V
Vout=1.8V
Vout=2.5V
Vout=3.3V
Load Regulation vs. Output Current
VIN = 3.6V/5V, IOUT = 0.1A to 4A
Line Regulation vs. Output Current
VIN = 2.7V to 5.5V
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
OUTPUT CURRENT (A)
Vin=3.6V, Vout=1.2V
Vin=5V, Vout=1.2V
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
2
2.5
3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE (V)
Iout=0A
Iout=2A
Iout=4A
VIN UVLO vs. Temperature
EN Threshold vs. Temperature
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
-40
-20
0
20
40
60
80
100 120
AMBIENT TEMPERATURE (
⁰C)
UVLO Rising
UVLO Falling
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-40
-20
0
20
40
60
80
100 120
AMBIENT TEMPERATURE (
⁰C)
EN Rising Threshold
EN Falling Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com