Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2174C Datasheet(PDF) 12 Page - MPS Industries, Inc.

Part # MP2174C
Description  2.7V-5.5V,4A, High-Efficiency,Synchronous Step-Down Converter with Forced CCM in 2×2mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2174C Datasheet(HTML) 12 Page - MPS Industries, Inc.

Back Button MP2174C Datasheet HTML 8Page - MPS Industries, Inc. MP2174C Datasheet HTML 9Page - MPS Industries, Inc. MP2174C Datasheet HTML 10Page - MPS Industries, Inc. MP2174C Datasheet HTML 11Page - MPS Industries, Inc. MP2174C Datasheet HTML 12Page - MPS Industries, Inc. MP2174C Datasheet HTML 13Page - MPS Industries, Inc. MP2174C Datasheet HTML 14Page - MPS Industries, Inc. MP2174C Datasheet HTML 15Page - MPS Industries, Inc. MP2174C Datasheet HTML 16Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP2174C
– 5.5V, 4A, 1.1MHZ, SYNCHRONOUS STEP-DOWN SWITCHER
MP2174C Rev. 1.0
www.MonolithicPower.com
12
8/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
OPERATION
The MP2174C uses constant-on-time control
with input voltage feed forward to stabilize the
switching frequency over the full input range.
Constant-On-Time Control
Compare
to fixed-frequency
PWM control,
constant-on-time control offers the advantage of
a simpler control loop and faster transient
response. By using input voltage feed forward,
the MP2174C maintains a nearly constant
switching frequency across the input and output
voltage ranges. The on-time of the switching
pulse can be estimated with Equation (1):
OUT
ON
IN
V
t
0.909 s
V
(1)
To prevent inductor current runaway during
load transient, the MP2174C limits the minimum
off time to 100ns. This minimum off time limit
does not affect the operation of the MP2174C in
steady state in any way.
Forced PWM Operation
The MP2174C works in continuous conduction
mode (CCM) to achieve a smaller VO ripple,
load regulation, and load transient across the
full load range.
Enable
When the input voltage exceeds the under-
voltage lockout (UVLO) threshold (typically
2.5V), the MP2174C can be enabled by pulling
the EN pin above 0.65V (typical). Leaving EN
below 0.55V (typical) or floating it disables the
MP2174C. There is an internal 1M
Ω resistor
from the EN pin to ground.
When EN is pulled down, there is a discharge
path for output. All processes, from EN turning
off to the output dropping to 0V, take less than
0.8ms.
Soft Start/Stop
The MP2174C has a built-in soft start that
ramps up the output voltage in a controlled slew
rate, avoiding overshoot at start-up. The soft-
start time is typically about 0.5ms.
When disabled, the MP2174C ramps down the
internal reference and allows the load to linearly
discharge the output. The soft-stop time is less
than 0.3ms.
Power Good Indicator
The MP2174C has an open-drain output. The
PG pin requires an external pull-up resistor
(100k
Ω to 500kΩ) for the power good indicator.
When the FB pin is within ±10% of the
regulation voltage (i.e. 0.6V), the PG pin is
pulled up. If the FB voltage is out of the ±10%
window, PG is pulled down to ground by an
internal
MOSFET.
The
MOSFET
has
a
maximum RDS(ON) of less than 100Ω.
Current Limit
The MP2174C has a typical 6.5A current limit
for the HS-FET, and a 4.5A current limit for the
LS-FET. Once the high-side switch hits current
limit, the MP2174C turns off the HS-FET and
turns on the LS-FET to reduce the inductor
current. When the inductor current drops to the
valley current limit, the LS-FET turns off and the
HS-FET turns on. If the HS-FET reaches the
peak current limit and the LS-FET reaches the
valley current limit every cycle for 150µs, the
MP2174C remains in hiccup mode until the
current decreases. This prevents the inductor
current from continuing to build up, which could
result in damage to the components.
Short Circuit and Recovery
If the output voltage of the buck converter is
shorted to GND, the current limit is triggered. If
the current limit is triggered every cycle for
150µs, the MP2174C enters hiccup mode. It
disables the output power stage, discharges the
soft-start capacitor, and then automatically
retries soft start. If the short-circuit condition still
remains after soft start ends, the MP2174C
repeats this operation cycle until the short
condition is removed and the output rises back
to the regulation level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com