Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2174C Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # MP2174C
Description  2.7V-5.5V,4A, High-Efficiency,Synchronous Step-Down Converter with Forced CCM in 2×2mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2174C Datasheet(HTML) 2 Page - MPS Industries, Inc.

  MP2174C Datasheet HTML 1Page - MPS Industries, Inc. MP2174C Datasheet HTML 2Page - MPS Industries, Inc. MP2174C Datasheet HTML 3Page - MPS Industries, Inc. MP2174C Datasheet HTML 4Page - MPS Industries, Inc. MP2174C Datasheet HTML 5Page - MPS Industries, Inc. MP2174C Datasheet HTML 6Page - MPS Industries, Inc. MP2174C Datasheet HTML 7Page - MPS Industries, Inc. MP2174C Datasheet HTML 8Page - MPS Industries, Inc. MP2174C Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP2174C
– 5.5V, 4A, 1.1MHZ, SYNCHRONOUS STEP-DOWN SWITCHER
MP2174C Rev. 1.0
www.MonolithicPower.com
2
8/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2174CGG
QFN12 (2mm x 2mm)
See Below
* For Tape & Reel, add suffix
–Z (e.g. MP2174CGG–Z).
TOP MARKING
KC: Product code of MP2174CGG
Y: Year code
LLL: Lot number
PACKAGE REFERENCE
QFN-12 (2mmx2mm)
PIN FUNCTIONS
Pin #
Name
Description
1
PVIN
Supply voltage to power FETs. PVIN is connected to VIN internally.
2, 11
SW
Switch output. Pin 2 and 11 can be connected together.
3, 12
PGND
Power ground. Pin 3 and 12 can be connected together.
4
AGND
Quiet ground for controller circuits.
5
NC
No connection. Leave this pin open. Do not connect it to ground.
6
OUT
Input sense pin for output voltage.
7
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin,
sets the output voltage.
8
EN
On/off control.
9
PG
Power good indicator. The output of this pin is an open drain pin.
10
VIN
Supply voltage to internal control circuitry. VIN is connected to PVIN internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com