Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2174C Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # MP2174C
Description  2.7V-5.5V,4A, High-Efficiency,Synchronous Step-Down Converter with Forced CCM in 2×2mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2174C Datasheet(HTML) 1 Page - MPS Industries, Inc.

  MP2174C Datasheet HTML 1Page - MPS Industries, Inc. MP2174C Datasheet HTML 2Page - MPS Industries, Inc. MP2174C Datasheet HTML 3Page - MPS Industries, Inc. MP2174C Datasheet HTML 4Page - MPS Industries, Inc. MP2174C Datasheet HTML 5Page - MPS Industries, Inc. MP2174C Datasheet HTML 6Page - MPS Industries, Inc. MP2174C Datasheet HTML 7Page - MPS Industries, Inc. MP2174C Datasheet HTML 8Page - MPS Industries, Inc. MP2174C Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP2174C
2.7V-5.5V,4A, High-Efficiency,
Synchronous Step-Down
Converter with Forced CCM in 2×2mm QFN
MP2174C Rev. 1.0
www.MonolithicPower.com
1
8/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
DESCRIPTION
The MP2174C is a monolithic, step-down,
switch mode converter with built-in, internal
power MOSFETs. It achieves 4A of continuous
output current from a 2.7V to 5.5V input voltage
with excellent load and line regulation. The
output voltage can be regulated as low as 0.6V.
The constant-on-time (COT) control scheme
provides fast transient response and easy loop
stabilization.
Fault
condition
protections
include
cycle-by-cycle
current
limit
and
thermal
shutdown.
The MP2174C requires a minimal number of
readily
available,
standard
external
components, and is available in an ultra-small
QFN-12 (2mmx2mm) package.
The MP2174C is ideal for a wide range of
applications,
including
PDAs,
portable
instruments, DVD drives, and small handheld
devices.
FEATURES
 Forced PWM Mode Operation
 Wide 2.7V to 5.5V Operating Input Range
 Output Voltage as Low as 0.6V
 4A Output Current
 35mΩ and 18mΩ Internal Power MOSFET
 Peak Efficiency Above 96%
 1.1MHz Frequency
 100% Duty Cycle in Dropout
 0.5ms Internal Soft-Start Time
 EN and Power Good for Power Sequencing
 Auto-Discharge at Power-Off
 Short-Circuit Protection with Hiccup Mode
 Available in a QFN-12 (2mmx2mm)
Package
APPLICATIONS
Storage Drives
Portable/Handheld Devices
 Low-Voltage I/O System Power
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS
green
status,
please
visit
the
MPS
website
under
Quality
Assurance.
“MPS”, the MPS logo, and “Simple, Easy Solutions” are registered
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
L1
1µH
C2
22µF
C1
22µF
VOUT
1.2V/4A
VIN
EN
PG
MP2174C
EN
PG
PVIN
VIN
SW
OUT
FB
NC
AGND
PGND
R2
200k
R1
200k
Efficiency vs. Output Current
VIN = 5V, DCR = 27m
Ω
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
OUTPUT CURRENT (A)
Vout=1.2V
Vout=1.8V
Vout=2.5V
Vout=3.3V


Similar Part No. - MP2174C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2174CGG MPS-MP2174CGG Datasheet
493Kb / 7P
4A, 5.5V, 1.1MHz Synchronous Step-Down Switcher Evaluation Board
2/25/2019 Rev.1.0
More results

Similar Description - MP2174C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8709 MPS-MP8709 Datasheet
368Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP28254 MPS-MP28254 Datasheet
365Kb / 14P
High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
logo
ACE Technology Co., LTD...
ACE740E ACE-ACE740E Datasheet
386Kb / 8P
4A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE729C ACE-ACE729C Datasheet
448Kb / 8P
4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8034 BELLING-BL8034 Datasheet
710Kb / 5P
4A, 16V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1601A MPS-MP1601A Datasheet
1Mb / 17P
1A Synchronous Step-down Converter with Forced CCM Mode
MP21148 MPS-MP21148 Datasheet
1Mb / 14P
1A, Synchronous, Step-Down Converter with CCM
MP8847 MPS-MP8847 Datasheet
506Kb / 22P
6A, 2.7V-6V, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface In 2x3mm QFN
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
4A, 18V High Efficiency Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1488C HMSEMI-HM1488C Datasheet
877Kb / 5P
4A, 16V High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com