Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2174C Datasheet(PDF) 13 Page - MPS Industries, Inc.

Part # MP2174C
Description  2.7V-5.5V,4A, High-Efficiency,Synchronous Step-Down Converter with Forced CCM in 2×2mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2174C Datasheet(HTML) 13 Page - MPS Industries, Inc.

Back Button MP2174C Datasheet HTML 8Page - MPS Industries, Inc. MP2174C Datasheet HTML 9Page - MPS Industries, Inc. MP2174C Datasheet HTML 10Page - MPS Industries, Inc. MP2174C Datasheet HTML 11Page - MPS Industries, Inc. MP2174C Datasheet HTML 12Page - MPS Industries, Inc. MP2174C Datasheet HTML 13Page - MPS Industries, Inc. MP2174C Datasheet HTML 14Page - MPS Industries, Inc. MP2174C Datasheet HTML 15Page - MPS Industries, Inc. MP2174C Datasheet HTML 16Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP2174C
– 5.5V, 4A, 1.1MHZ SYNCHRONOUS STEP-DOWN SWITCHER
MP2174C Rev. 1.0
www.MonolithicPower.com
13
8/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see the Typical Application Circuit
section on page 15). Choose a larger resistance
for lower leakage or a smaller one to avoid noise.
Choose R1 to be between
120kΩ and 200kΩ. R2
is then calculated using Equation (2):
OUT
R1
R2
V
1
0.6
(2)
Figure 2 shows t
he feedback circuit.
Figure 2: Feedback Network
Table 1 lists the recommended resistor values for
common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.0
200 (1%)
300 (1%)
1.2
200 (1%)
200 (1%)
1.8
200 (1%)
100 (1%)
2.5
200 (1%)
63.2 (1%)
3.3
200 (1%)
44.2 (1%)
Selecting the Inductor
A 0.82µH to 4.7µH inductor is recommended for
most applications. For highest efficiency, the
inductor DC resistance should be small. For most
designs, the inductance value can be determined
with Equation (3):
OUT
IN
OUT
1
IN
L
OSC
V
(V
V
)
L
V
I
f

  
(3)
Where ΔIL is the inductor ripple current.
Choose the inductor current to be approximately
30% of the maximum load current. Calculated the
maximum inductor peak current with Equation
(4):
2
I
I
I
L
LOAD
)
MAX
(
L
(4)
Selecting the Input Capacitor
The step-down converter has a discontinuous
input current, and a capacitor is required to
supply the AC current to the converter while
maintaining the DC input voltage. Use low-ESR
capacitors for the best performance. Ceramic
capacitors with X5R or X7R dielectrics are highly
recommended because of their low ESR and
small
temperature
coefficients.
For
most
applications, a 10µF capacitor is sufficient. For a
higher output voltage, a 47µF capacitor may be
needed to stabilize the system.
Since the input capacitor absorbs the input
switching current, it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated with Equation (5):
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
(5)
The worst-case condition occurs at VIN = 2VOUT,
calculated with Equation (6):
2
I
I
LOAD
1
C
(6)
For simplification, choose an input capacitor with
an RMS current rating greater than half of the
maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using electrolytic or tantalum
capacitors, place a small, high-quality ceramic
capacitor (e.g.
0.1μF) as close to the IC as
possible. When using ceramic capacitors, ensure
that they have enough capacitance to provide
sufficient charge to prevent excessive voltage
ripple at the input. The input voltage ripple
caused by the capacitance can be estimated with
Equation (7):

 


LOAD
OUT
OUT
IN
IN
SW
IN
I
V
V
V1
f
C1
V
V
(7)
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com