Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2174C Datasheet(PDF) 3 Page - MPS Industries, Inc.

Part # MP2174C
Description  2.7V-5.5V,4A, High-Efficiency,Synchronous Step-Down Converter with Forced CCM in 2×2mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP2174C Datasheet(HTML) 3 Page - MPS Industries, Inc.

  MP2174C Datasheet HTML 1Page - MPS Industries, Inc. MP2174C Datasheet HTML 2Page - MPS Industries, Inc. MP2174C Datasheet HTML 3Page - MPS Industries, Inc. MP2174C Datasheet HTML 4Page - MPS Industries, Inc. MP2174C Datasheet HTML 5Page - MPS Industries, Inc. MP2174C Datasheet HTML 6Page - MPS Industries, Inc. MP2174C Datasheet HTML 7Page - MPS Industries, Inc. MP2174C Datasheet HTML 8Page - MPS Industries, Inc. MP2174C Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP2174C
– 5.5V, 4A, 1.1MHZ, SYNCHRONOUS STEP-DOWN SWITCHER
MP2174C Rev. 1.0
www.MonolithicPower.com
3
8/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ....................................6.5V
VSW ....................................................................
-0.3V (-3V for <10ns) to +6.5V (8V for
<10ns)
All other pins............................... -0.3V to +6.5V
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Continuous power dissipation (TA = 25°C) (2)
……….….. .................................................1.6W
Storage temperature................ -65°C to +150°C
Recommended Operating Conditions (3)
Supply voltage (VIN) ....................... 2.7V to 5.5V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance
θJA
θJC
QFN-12 (2mmx2mm)
EV2174C-G-00A (4)..................45........ 8....°C/W
JESD51-7 (5)
………...........…....80.......16...°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on EV2174C-G-00A, 2-layer PCB, 63mmx63mm.
5) Measured on JESD51-7, 4-layer PCB. The value of
θ
JA given
in this table is only valid for comparison with other packages
and cannot be used for design purposes. These values are
calculated in accordance with JESD51-7, and simulated on a
specified
JEDEC
board.
They
do
not
represent
the
performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com