Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet (PDF) - Analog Devices

ADFS7124-4BBCPZ Datasheet PDF - Analog Devices
Part # ADFS7124-4BBCPZ
Download  ADFS7124-4BBCPZ Download
File Size   3286.11 Kbytes
Page   93 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference

ADFS7124-4BBCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADFS7124-4BBCPZ Datasheet PDF - Analog Devices

Part # ADFS7124-4BBCPZ
Download  ADFS7124-4BBCPZ Click to download

File Size   3286.11 Kbytes
Page   93 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference

ADFS7124-4BBCPZ Datasheet (HTML) - Analog Devices


ADFS7124-4BBCPZ Product details

FUNCTIONAL BLOCK DIAGRAM
► Matched programmable excitation currents
► Internal clock oscillator
► On-chip bias voltage generator
► Low-side power switch
► General-purpose outputs
► Multiple filter options
► Internal temperature sensor
► Self and system calibration
► Sensor burnout detection
► Automatic channel sequencer
► Per channel configuration
► Power supply: 2.7 V to 3.6 V and ±1.8 V
► Independent interface power supply
► Power-down current: 5 μA maximum
► Temperature range: −40°C to +125°C
► 32-lead LFCSP
► 3-wire or 4-wire serial interface
► SPI, QSPI, MICROWIRE, and DSP compatible
► Schmitt trigger on SCLK
► ESD: 4 kV

FEATURES
► Functional safety approved to SC3 by TÜV Rheinland, File
Number 968/FSP 2188.01/23
► Three power modes
► RMS noise
► Low power: 24 nV rms at 1.17 SPS, gain = 128 (255 μA
typical)
► Mid power: 20 nV rms at 2.34 SPS, gain = 128 (355 μA
typical)
► Full power: 23 nV rms at 9.4 SPS, gain = 128 (930 μA typical)
► Up to 22 noise free bits in all power modes (gain = 1)
► Output data rate
► Full power: 9.38 SPS to 19,200 SPS
► Mid power: 2.34 SPS to 4800 SPS
► Low power: 1.17 SPS to 2400 SPS
► Rail-to-rail analog inputs for gains > 1
► Simultaneous 50 Hz/60 Hz rejection at 25 SPS (single cycle settling)
► Diagnostic functions (which aid safe integrity level (SIL) certification)
► Crosspoint multiplexed analog inputs
► 4 differential/7 pseudodifferential inputs
► Programmable gain (1 to 128)
► Band gap reference with 15 ppm/°C drift maximum (70 μA)

APPLICATIONS
► Temperature measurement
► Pressure measurement
► Industrial process control
► Instrumentation
► Smart transmitters




Similar Part No. - ADFS7124-4BBCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-8BBCPZ AD-ADFS7124-8BBCPZ Datasheet
2Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-8BBCPZ-RL7 AD-ADFS7124-8BBCPZ-RL7 Datasheet
2Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
More results


Similar Description - ADFS7124-4BBCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7190 AD-AD7190 Datasheet
178Kb / 21P
4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Analog Devices
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. A
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
REV. B
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
Rev. D
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
24-Bit Sigma-Delta ADC with PGA
07-Jul-2017
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Analog Devices
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com