Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 3 Page - Analog Devices

  ADFS7124-4BBCPZ Datasheet HTML 1Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 2Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 3Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 4Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 5Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 6Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 7Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 8Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 93 page
background image
Data Sheet
ADFS7124-4
GENERAL DESCRIPTION
analog.com
Rev. 0 | 3 of 93
The ADFS7124-4 is a low power, low noise, completely integrated
analog front end for high precision measurement applications. The
device contains a low noise, 24-bit Σ-Δ analog-to-digital converter
(ADC), and can be configured to have four differential inputs or sev-
en single-ended or pseudo differential inputs. The on-chip low gain
stage ensures that signals of small amplitude can be interfaced
directly to the ADC.
One of the major advantages of the ADFS7124-4 is that it gives
the flexibility to employ one of three integrated power modes. The
current consumption, range of output data rates, and RMS noise
can be tailored with the power mode selected. The device also
offers a multitude of filter options, ensuring the highest degree of
flexibility.
The ADFS7124-4 can achieve simultaneous 50 Hz and 60 Hz
rejection when operating at an output data rate of 25 SPS (single
cycle settling), with rejection in excess of 80 dB achieved at lower
output data rates.
The ADFS7124-4 establishes the highest degree of signal chain
integration. The device contains a precision, low noise, low drift in-
ternal band gap reference, and also accepts an external differential
reference, which can be internally buffered. Other key integrated
features include programmable low drift excitation current sources,
burnout currents, and a bias voltage generator, which sets the
common-mode voltage of a channel to (AVDD-AVSS)/2. The low-side
power switch enables the user to power down bridge sensors be-
tween conversions, ensuring the absolute minimal power consump-
tion of the system. The device also allows the option of operating
with either an internal or external clock.
The integrated channel sequencer allows several channels to be
enabled simultaneously, and the ADFS7124-4 sequentially converts
on each enabled channel, simplifying communication with the de-
vice. As many as 16 channels can be enabled at any time; a
channel being defined as an analog input or a diagnostic such
as a power supply check or a reference check. This unique fea-
ture allows diagnostics to be interleaved with conversions. The
ADFS7124-4 also supports per channel configuration. The device
allows eight configurations or setups. Each configuration consists of
gain, filter type, output data rate, buffering, and reference source.
Assign any of these setups on a channel-by-channel basis.
The ADFS7124-4 also has extensive diagnostic functionality inte-
grated as part of its comprehensive feature set. These diagnostics
include a cyclic redundancy check (CRC), signal chain checks,
and serial interface checks, which lead to a more robust solution.
These diagnostics reduce the need for external components to
implement diagnostics, resulting in reduced board space needs,
reduced design cycle times, and cost savings. The failure modes
effects and diagnostic analysis (FMEDA) of a typical application has
shown a safe failure fraction (SFF) greater than 90% according to
IEC 61508.
The device operates with a single analog power supply from 2.7
V to 3.6 V or a dual 1.8 V power supply. The digital supply has a
range of 1.65 V to 3.6 V. It is specified for a temperature range of
−40°C to +125°C. The ADFS7124-4 is housed in a 32-lead LFCSP
package.
Note that, throughout this data sheet, multifunction pins, such as
DOUT/RDY, are referred to either by the entire pin name or by a
single function of the pin, for example, RDY, when only that function
is relevant.
Table 1. ADFS7124-4 Overview
Parameter
Low Power Mode
Mid Power Mode
Full Power Mode
Maximum Output Data Rate
2400 SPS
4800 SPS
19,200 SPS
RMS Noise (Gain = 128)
24 nV
20 nV
23 nV
Peak-to-Peak Resolution at 1200 SPS (Gain = 1) 16.4 bits
17.1 bits
18 bits
Typical Current (ADC + PGA)
255 µA
355 µA
930 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com