Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 6Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 7Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 8Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 9Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 10Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 11Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 12Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 13Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
Data Sheet
ADFS7124-4
SPECIFICATIONS
analog.com
Rev. 0 | 10 of 93
TIMING CHARACTERISTICS
AVDD = 2.9 V to 3.6 V (full power mode), 2.7 V to 3.6 V (mid and low power mode), IOVDD = 1.65 V to 3.6 V, AVSS = DGND = 0 V, Input Logic 0
= 0 V, Input Logic 1 = IOVDD, unless otherwise noted.
Table 3. Timing Characteristics
Parameter1, 2
Min
Typ
Max
Unit
Test Conditions/Comments
t3
100
ns
SCLK high pulse width
t4
100
ns
SCLK low pulse width
t12
Delay between consecutive read/write operations
3/MCLK3
ns
Full power mode
12/MCLK
ns
Mid power mode
24/MCLK
ns
Low power mode
t13
µs
DOUT/RDY high time if DOUT/RDY is low and the next conversion is
available
6
µs
Full power mode
25
µs
Mid power mode
50
µs
Low power mode
t14
SYNC low pulse width
3/MCLK
ns
Full power mode
12/MCLK
ns
Mid power mode
24/MCLK
ns
Low power mode
READ OPERATION
t1
0
80
ns
CS falling edge to DOUT/RDY active time
t24
0
80
ns
SCLK active edge5 to data valid delay
t56, 7
10
80
ns
Bus relinquish time after CS inactive edge
t6
0
ns
SCLK inactive edge to CS inactive edge
t78
SCLK inactive edge to DOUT/RDY high
10
ns
The DOUT_RDY_DEL bit is cleared, the CS_EN bit is cleared
110
ns
The DOUT_RDY_DEL bit is set, the CS_EN bit is cleared
t7A7
t5
ns
Data valid after CS inactive edge, the CS_EN bit is set
WRITE OPERATION
t8
0
ns
CS falling edge to SCLK active edge5 setup time
t9
30
ns
Data valid to SCLK edge setup time
t10
25
ns
Data valid to SCLK edge hold time
t11
0
ns
CS rising edge to SCLK edge hold time
1 These specifications were sample tested during the initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of IOVDD and timed
from a voltage level of IOVDD/2.
2 See Figure 3, Figure 4, Figure 5, and Figure 6.
3 MCLK is the controller clock frequency.
4 These specifications are measured with the load circuit shown in Figure 2 and defined as the time required for the output to cross the VOL or VOH limits.
5 The SCLK active edge is the falling edge of SCLK.
6 These specifications are derived from the measured time taken by the data output to change by 0.5 V when loaded with the circuit shown in Figure 2. The measured
number is then extrapolated back to remove the effects of charging or discharging the 25 pF capacitor. The times quoted in the timing characteristics are the true bus
relinquish times of the device and, therefore, are independent of external bus loading capacitances.
7 RDY returns high after a read of the ADC. In single conversion mode and continuous conversion mode, the same data can be read again, if required, while RDY is high,
although subsequent reads must not occur close to the next output update. In continuous read mode, the digital word can be read only once.
8 When the CS_EN bit is cleared, the DOUT/RDY pin changes from its DOUT function to its RDY function, following the last inactive edge of the SCLK. When CS_EN is set,
the DOUT pin continues to output the LSB of the data until the CS inactive edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com