Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 11Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 12Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 13Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 14Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 15Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 16Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 17Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 18Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 93 page
background image
Data Sheet
ADFS7124-4
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 15 of 93
Table 6. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Description
Alternatively, the internal programmable excitation current source can be made available at this pin. Either
IOUT0 or IOUT1 can be switched to this output. A bias voltage midway between the analog power supply rails
can be generated at this pin.
20
AIN6/IOUT/VBIAS/
REFIN2(+)
Analog Input 6/Output of Internal Excitation Current Source/Bias Voltage/Positive Reference Input. This input
pin is configured through the configuration registers to be the positive or negative terminal of a differential
or pseudodifferential input. Alternatively, the internal programmable excitation current source can be made
available at this pin. Either IOUT0 or IOUT1 can be switched to this output. A bias voltage midway between
the analog power supply rails can be generated at this pin. This pin also functions as a positive reference input
for REFIN2(±). REFIN2(+) can be anywhere between AVDD and AVSS + 0.5 V. The nominal reference voltage
(REFIN2(+) to REFIN2(−)) is 2.5 V, but the device functions with a reference from 0.5 V to AVDD.
21
AIN7/IOUT/VBIAS/
REFIN2(−)
Analog Input 7/Output of Internal Excitation Current Source/Bias Voltage/Negative Reference Input. This input
pin is configured through the configuration registers to be the positive or negative terminal of a differential or
pseudodifferential input. Alternatively, the internal programmable excitation current source can be made available
at this pin. Either IOUT0 or IOUT1 can be switched to this output. A bias voltage midway between the analog
power supply rails can be generated at this pin. This pin also functions as the negative reference input for
REFIN2(±). This reference input can be anywhere between AVSS and AVDD – 0.5 V.
22
REFOUT
Internal Reference Output. The buffered output of the internal 2.5 V voltage reference is available on this pin.
23
AVSS
Analog Supply Voltage. The voltage on AVDD is referenced to AVSS. The differential between AVDD and AVSS
must be between 2.7 V and 3.6 V in mid or low power mode and between 2.9 V and 3.6 V in full power mode.
AVSS can be taken below 0 V to provide a dual power supply to the ADFS7124-4. For example, AVSS can be tied
to −1.8 V and AVDD can be tied to +1.8 V, providing a ±1.8 V supply to the ADC.
24
REGCAPA
Analog LDO Regulator Output. Decouple this pin to AVSS with a 0.1 µF capacitor.
25
PSW
Low-Side Power Switch to AVSS.
26
AVDD
Analog Supply Voltage, Relative to AVSS.
27
SYNC
Synchronization Input. This pin is a logic input that allows synchronization of the digital filters and analog
modulators when using a number of ADFS7124-4 devices. When SYNC is low, the nodes of the digital filter, the
filter control logic, and the calibration control logic are reset, and the analog modulator is held in a reset state.
SYNC does not affect the digital interface but does reset RDY to a high state if it is low.
28
DOUT/RDY
Serial Data Output/Data Ready Output. DOUT/RDY functions as a serial data output pin to access the output
shift register of the ADC. The output shift register can contain data from any of the on-chip data or control
registers. In addition, DOUT/RDY operates as a data ready pin, going low to indicate the completion of a
conversion. If the data is not read after the conversion, the pin goes high before the next update occurs. The
DOUT/RDY falling edge can also be used as an interrupt to a processor, indicating that valid data is available.
With an external serial clock, the data can be read using the DOUT/RDY pin. When CS is low, the data/control
word information is placed on the DOUT/RDY pin on the SCLK falling edge and is valid on the SCLK rising edge.
29
DIN
Serial Data Input to the Input Shift Register on the ADC. Data in the input shift register is transferred to the
control registers within the ADC, with the register selection bits of the communications register identifying the
appropriate register.
30
SCLK
Serial Clock Input. This serial clock input is for data transfers to and from the ADC. The SCLK pin has a
Schmitt-triggered input, making the interface suitable for opto-isolated applications. The serial clock can be
continuous with all data transmitted in a continuous train of pulses. Alternatively, it can be a noncontinuous clock
with the information being transmitted to or from the ADC in smaller batches of data.
31
CLK
Clock Input/Clock Output. The internal clock can be made available at this pin. Alternatively, the internal clock
can be disabled, and the ADC can be driven by an external clock. This allows several ADCs to be driven from a
common clock, allowing simultaneous conversions to be performed.
32
CS
Chip Select Input. This is an active low logic input that selects the ADC. Use CS to select the ADC in systems
with more than one device on the serial bus or as a frame synchronization signal in communicating with the
device. CS can be hardwired low if the serial-peripheral interface (SPI) diagnostics are unused, allowing the ADC
to operate in 3-wire mode with SCLK, DIN, and DOUT interfacing with the device.
EP
Exposed Pad. Connect the exposed pad to AVSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com