Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 41Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 42Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 43Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 44Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 45Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 46Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 47Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 48Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 93 page
background image
Data Sheet
ADFS7124-4
GETTING STARTED
analog.com
Rev. 0 | 45 of 93
Figure 72 shows an example of how the channel registers span
between the analog input pins and the setup configurations down-
stream. In this random example, two differential inputs and two
single-ended inputs are required. The single-ended inputs are the
AIN0/AIN7 and AIN6/AIN7 combinations. The first differential input
pair (AIN0/AIN1) uses Setup 0. The two single-ended input pairs
(AIN0/AIN7 and AIN6/AIN7) are set up as diagnostics; therefore,
they use a separate setup (Setup 1). The final differential input
(AIN2/AIN3) also uses a separate setup: Setup 2.
Given that three setups are selected for use, the CONFIG_0,
CONFIG_1, and CONFIG_2 registers are programmed as required,
and the FILTER_0, FILTER_1, and FILTER_2 registers are also
programmed as required. Optional gain and offset correction can
be employed on a per setup basis by programming the GAIN_0,
GAIN_1, and GAIN_2 registers, and the OFFSET_0, OFFSET_1,
and OFFSET_2 registers.
In the example shown in Figure 72, the CHANNEL_0 to CHAN-
NEL_3 registers are used. Setting the MSB (the enable bit) in each
of these registers enables the four combinations through the cross-
point multiplexer. When the ADFS7124-4 converts, the sequencer
transitions in ascending sequential order from CHANNEL_0 to
CHANNEL_1 to CHANNEL_2, and then on to CHANNEL_3 before
looping back to CHANNEL_0 to repeat the sequence.
Figure 72. Mixed Differential and Single-Ended Configuration Using Multiple Shared Setups



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com