Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 88 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 88 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 84Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 85Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 86Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 87Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 88Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 89Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 90Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 91Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 93 page
background image
Data Sheet
ADFS7124-4
ON-CHIP REGISTERS
analog.com
Rev. 0 | 88 of 93
MCLK_COUNT REGISTER
RS[5:0] = 0, 0, 1, 0, 0, 0
Power-On/Reset = 0x00
The controller clock frequency can be monitored using this register.
Table 72 outlines the bit designations for the register. Bit 7 is the first bit of the data stream. The number in parentheses indicates the
power-on/reset default status of that bit.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MCLK_COUNT (0)
Table 72. MCLK_COUNT Register Bit Descriptions
Bits
Bit Name
Description
7:0
MCLK_COUNT
This register allows the user to determine the frequency of the internal/external oscillator. Internally, a clock counter increments every 131
pulses of the sampling clock (614.4 kHz in the full power mode, 153.6 kHz in the mid power mode, and 768 kHz in the low power mode). The
8-bit counter wraps around on reaching its maximum value. The counter output is read back through this register. Note that the incrementation
of the register is asynchronous to the register read. If a register read coincides with the register incrementation, it is possible to read an invalid
value. To prevent this, read the register four times, then read the register four times again at a later point. By reading four values, it is possible
to identify the correct register value at the start and end of the timing instants.
CHANNEL REGISTERS
RS[5:0] = 0, 0, 1, 0, 0, 1 to 0, 1, 1, 0, 0, 0
Power-On/Reset = 0x8001 for CHANNEL_0; all other channel registers are set to 0x0001
Sixteen channel registers are included on the ADFS7124-4, CHANNEL_0 to CHANNEL_15. The channel registers begin at Address 0x09
(CHANNEL_0) and end at Address 0x18 (CHANNEL_15). Through each register, configure the channel (AINP input and AINM input), enable
or disable the channel, and select the setup. The setup is selectable from eight different options. When the ADC converts, it automatically
sequences through all enabled channels. This allows the user to sample some channels multiple times in a sequence, if required. In addition, it
allows the user to include diagnostic functions in a sequence also.
Table 73 outlines the bit designations for the register. Bit 15 is the first bit of the data stream. The number in parentheses indicates the
power-on/reset default status of that bit.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Enable (1)
Setup (0)
0 (0)
AINP[4:3](00)
AINP[2:0](000)
AINM[4:0](00001)
Table 73. Channel Register Bit Descriptions
Bits
Bit Name
Description
15
Enable
Channel enable bit. Setting this bit enables the device channel for the conversion sequence. By default, only the enable bit for Channel 0
is set. The order of conversions starts with the lowest enabled channel, then cycles through successively higher channel numbers, before
wrapping around to the lowest channel again.
When the ADC writes a result for a particular channel, the four LSBs of the status register are set to the channel number, 0 to 15. This allows
the channel the data corresponds to be identified. When the DATA_STATUS bit in the ADC_CONTROL register is set, the contents of the
status register are appended to each conversion when it is read. Use this function when several channels are enabled to determine to which
channel the conversion value read corresponds.
14:12
Setup
Setup select. These bits identify which of the eight setups are used to configure the ADC for this channel. A setup comprises a set of four
registers: analog configuration, output data rate/filter selection, offset register, and gain register. All channels can use the same setup, in
which case the same 3-bit value must be written to these bits on all active channels. Alternatively, up to eight channels can be configured
differently.
11:10
0
These bits must be programmed with a Logic 0 for correct operation.
9:5
AINP[4:0]
Positive analog input AINP input select. These bits select which of the analog inputs is connected to the positive input for this channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com