Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 5 Page - Analog Devices

  ADFS7124-4BBCPZ Datasheet HTML 1Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 2Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 3Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 4Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 5Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 6Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 7Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 8Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
Data Sheet
ADFS7124-4
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 93
Table 2. Specifications (Continued)
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
Fast Settling Filters2
At 50 Hz
115
dB
First notch at 50 Hz, 50 Hz ± 1 Hz
At 60 Hz
115
dB
First notch at 60 Hz, 60 Hz ± 1 Hz
Post Filters2
At 50 Hz, 60 Hz
130
dB
20 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
130
dB
25 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
Normal Mode Rejection2
Sinc4 Filter
External Clock
At 50 Hz, 60 Hz
120
dB
10 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
80
dB
50 SPS, REJ6010 =1, 50 Hz ± 1 Hz, 60 Hz
± 1 Hz
At 50 Hz
120
dB
50 SPS, 50 Hz ± 1 Hz
At 60 Hz
120
dB
60 SPS, 60 Hz ± 1 Hz
Internal Clock
At 50 Hz, 60 Hz
98
dB
10 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
66
dB
50 SPS, REJ6010 = 1, 50 Hz ± 1 Hz, 60 Hz
± 1 Hz
At 50 Hz
92
dB
50 SPS, 50 Hz ± 1 Hz
At 60 Hz
92
dB
60 SPS, 60 Hz ± 1 Hz
Sinc3 Filter
External Clock
At 50 Hz, 60 Hz
100
dB
10 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
65
dB
50 SPS, REJ6010 = 1, 50 Hz ± 1 Hz, 60 Hz
± 1 Hz
At 50 Hz
100
dB
50 SPS, 50 Hz ± 1 Hz
At 60 Hz
100
dB
60 SPS, 60 Hz ± 1 Hz
Internal Clock
At 50 Hz, 60 Hz
73
dB
10 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
52
dB
50 SPS, REJ6010 = 1, 50 Hz ± 1 Hz, 60 Hz
± 1 Hz
At 50 Hz
68
dB
50 SPS, 50 Hz ± 1 Hz
At 60 Hz
68
dB
60 SPS, 60 Hz ± 1 Hz
Fast Settling Filters
External Clock
At 50 Hz
40
dB
First notch at 50 Hz, 50 Hz ± 0.5 Hz
At 60 Hz
40
dB
First notch at 60 Hz, 60 Hz ± 0.5 Hz
Internal Clock
At 50 Hz
24.5
dB
First notch at 50 Hz, 50 Hz ± 0.5 Hz
At 60 Hz
24.5
dB
First notch at 60 Hz, 60 Hz ± 0.5 Hz
Post Filters
External Clock
At 50 Hz, 60 Hz
86
dB
20 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
62
dB
25 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
Internal Clock
At 50 Hz, 60 Hz
67
dB
20 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
50
dB
25 SPS, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
ANALOG INPUTS11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com