Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 48Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 49Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 50Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 51Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 52Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 53Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 54Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 55Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 93 page
background image
Data Sheet
ADFS7124-4
ADC CIRCUIT INFORMATION
analog.com
Rev. 0 | 52 of 93
Figure 80. Continuous Read Configuration
Continuous Read Mode
In the continuous read mode, it is not required to write to the com-
munications register before reading ADC data; apply the required
number of SCLKs after DOUT/RDY goes low to indicate the end
of a conversion. When the conversion is read, DOUT/RDY returns
high until the next conversion is available. In this mode, the data
can be read only once. Ensure that the data-word is read before
the next conversion is complete. If the conversion is not read before
the completion of the next conversion, or if insufficient serial clocks
are applied to the ADFS7124-4 to read the word, the serial output
register is reset when the next conversion is complete, and the
new conversion is placed in the output serial register. The ADC
must be configured for the continuous conversion mode to use the
continuous read mode.
To enable the continuous read mode, set the CONT_READ bit in
the ADC_CONTROL register. When this bit is set, the only serial
interface operations possible are reads from the data register. To
exit the continuous read mode, write a read data command (0x42)
while the DOUT/RDY pin is low. Alternatively, apply a software
reset, that is, 64 SCLKs with CS = 0 and DIN = 1. This resets the
ADC and all register contents. These are the only commands that
the interface recognizes after it is placed in the continuous read
mode. DIN must be held low in the continuous read mode until an
instruction is to be written to the device.
If multiple ADC channels are enabled, each channel is output in
turn, with the status bits being appended to the data if DATA_
STATUS is set in the ADC_CONTROL register. The status register
indicates the channel to which the conversion corresponds.
DATA_STATUS
The contents of the status register can be appended to each
conversion on the ADFS7124-4. This is a useful function if sev-
eral channels are enabled. Each time a conversion is output,
the contents of the status register are appended. The four LSBs
of the status register indicate to which channel the conversion
corresponds. In addition, the user can determine if any errors are
being flagged through the ERROR_FLAG bit. To append the status
register contents to every conversion, the DATA_STATUS bit in the
ADC_CONTROL register is set to 1.
SERIAL INTERFACE RESET (DOUT_RDY_DEL
AND CS_EN BITS)
The instant at which the DOUT/RDY pin changes from being a
DOUT pin to a RDY pin is programmable on the ADFS7124-4. By
default, the D OUT/RDY pin changes functionality after a period of
time following the last SCLK rising edge, the SCLK edge on which
the LSB is read by the processor. This time is 10 ns minimum
by default and, by setting the DOUT_RDY_DEL bit in the ADC_
CONTROL register to 1, can be extended to 110 ns minimum.
By setting the CS_EN bit in the ADC_CONTROL register to 1, the
DOUT/RDY pin continues to output the LSB of the register being
read until CS is taken high. This configuration is useful if the CS
signal is used to frame all read operations. If CS is not used to
frame all read operations, set CS_EN to 0 so that DOUT/RDY
changes functionality following the last SCLK edge in the read
operation.
CS_EN must be set to 1 and the CS signal must be used to
frame all read and write operations when the SPI_READ_ERR,
SPI_WRITE_ERR, and SPI_SCLK_CNT_ERR diagnostic functions
are enabled.
The serial interface is always reset on the CS rising edge, that is,
the interface is reset to a known state whereby it awaits a write to
the communications register. Therefore, if a read or write operation
is performed by performing multiple 8- bit data transfers, CS must
be held low until the all bits are transferred.
RESET
The circuitry and serial interface of the ADFS7124-4 can be reset
by writing 64 consecutive 1s to the device. This resets the logic,
digital filter, and analog modulator, and all on-chip registers are
reset to their default values. A reset is automatically performed on
power-up. A reset requires a time of 90 MCLK cycles. A reset is
useful if the serial interface becomes asynchronous due to noise on
the SCLK line.
CALIBRATION
The ADFS7124-4 provides four calibration modes to eliminate the
offset and gain errors on a per setup basis:
►
Internal zero-scale calibration mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com