Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 66 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 66 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 62Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 63Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 64Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 65Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 66Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 67Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 68Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 69Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 93 page
background image
Data Sheet
ADFS7124-4
DIGITAL FILTER
analog.com
Rev. 0 | 66 of 93
Figure 116. DC to 600 Hz, 16.667 SPS Output Data Rate, 60 ms Settling Time
Figure 117. Zoom in 40 Hz to 70 Hz, 16.667 SPS Output Data Rate, 60 ms
Settling Time
SUMMARY OF FILTER OPTIONS
The ADFS7124-4 has several filter options. The chosen filter affects
the output data rate, settling time, RMS noise, stop-band attenua-
tion, and the 50 Hz and 60 Hz rejection.
Table 62 shows some sample configurations and the corresponding
performance in terms of throughput and 50 Hz and 60 Hz rejection.
Table 62. Filter Summary
Filter
Power Mode
Output Data Rate (SPS)
REJ60
50 Hz Rejection (dB)1, 2
Sinc4
All
10
0
120 dB (50 Hz and 60 Hz)
All
50
0
120 dB (50 Hz only)
All
50
1
82 dB (50 Hz and 60 Hz)
All
60
0
120 dB (60 Hz only)
Sinc4, Zero Latency
All
12.5
0
120 dB (50 Hz only)
All
12.5
1
82 dB (50 Hz and 60 Hz)
All
15
0
120 dB (60 Hz only)
Sinc3
All
10
0
100 dB (50 Hz and 60 Hz)
All
50
0
95 dB (50 Hz only)
All
50
1
67 dB (50 Hz and 60 Hz)
All
60
0
95 dB (60 Hz only)
Fast Settling (Sinc4 + Sinc1)
Full/mid
60
0
40 dB (60 Hz only)
Low
60
0
40 dB (60 Hz only)
Full/mid
50
0
40 dB (50 Hz only)
Low
50
0
40 dB (50 Hz only)
Full/mid
10
0
40 dB (50 Hz and 60 Hz)
Low
10
0
40 dB (50 Hz and 60 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com