Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 51 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 51 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 47Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 48Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 49Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 50Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 51Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 52Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 53Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 54Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 93 page
background image
Data Sheet
ADFS7124-4
ADC CIRCUIT INFORMATION
analog.com
Rev. 0 | 51 of 93
from the data register, DOUT/RDY goes high. The data register can
be read several times, if required, even when DOUT/RDY is high.
Do not read the ADC_CONTROL register close to the completion of
a conversion because the mode bits are being updated by the ADC
to indicate that the ADC is in the standby mode.
If several channels are enabled, the ADC automatically sequences
through the enabled channels and performs a conversion on each
channel. When a conversion is started, DOUT/RDY goes high and
remains high until a valid conversion is available and CS is low.
As soon as the conversion is available, DOUT/RDY goes low.
The ADC then selects the next channel and begins a conversion.
Read the present conversion while the next conversion is being
performed. As soon as the next conversion is complete, the data
register is updated; therefore, there is a limited period in which
to read the conversion. When the ADC has performed a single
conversion on each of the selected channels, it returns to the
standby mode.
If the DATA_STATUS bit in the ADC_CONTROL register is set
to 1, the contents of the status register are output along with
the conversion each time that the data read is performed. The
four LSBs of the status register indicate the channel to which the
conversion corresponds.
Continuous Conversion Mode
Continuous conversion is the default power-up mode. The
ADFS7124-4 converts continuously, and the RDY bit in the status
register goes low each time a conversion is complete. If CS is low,
the DOUT/RDY line also goes low when a conversion is complete.
To read a conversion, write to the communications register, indicat-
ing that the next operation is a read of the data register. When
the data-word is read from the data register, DOUT/RDY goes
high. The user can read this register additional times, if required.
However, ensure that the data register is not being accessed at the
completion of the next conversion; otherwise the new conversion
word is lost.
When several channels are enabled, the ADC automatically se-
quences through the enabled channels, performing one conversion
on each channel. When all channels are converted, the sequence
starts again with the first channel. The channels are converted
in order from the lowest enabled channel to the highest enabled
channel. The data register is updated as soon as each conversion
is available. The DOUT/RDY pin pulses low each time a conversion
is available. Then read the conversion while the ADC converts the
next enabled channel.
If the DATA_STATUS bit in the ADC_CONTROL register is set to 1,
the contents of the status register, along with the conversion data,
are output each time the data register is read. The status register
indicates the channel to which the conversion corresponds.
Figure 78. Single Conversion Configuration
Figure 79. Continuous Conversion Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com