Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 90 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 90 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 85Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 86Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 87Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 88Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 89Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 90Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 91Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 92Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 93Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 90 / 93 page
background image
Data Sheet
ADFS7124-4
ON-CHIP REGISTERS
analog.com
Rev. 0 | 90 of 93
Table 73. Channel Register Bit Descriptions (Continued)
Bits
Bit Name
Description
11110 = reserved.
11111 = reserved.
CONFIGURATION REGISTERS
RS[5:0] = 0, 1, 1, 0, 0, 1 to 1, 0, 0, 0, 0, 0
Power-On/Reset = 0x0860
The ADFS7124-4 has eight configuration registers, CONFIG_0 to CONFIG_7. Each configuration register is associated with a setup;
CONFIG_x is associated with Setup x. In the configuration register, the reference source, polarity, and reference buffers are configured. Table
74 outlines the bit designations for the register. Bit 15 is the first bit of the data stream. The number in parentheses indicates the power-on/reset
default status of that bit.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (0)
Bipolar (1)
Burnout (0)
REF_BUFP (0)
REF_BUFM (0)
AIN_BUFP (1)
AIN_BUFM (1)
REF_SEL (0)
PGA (0)
Table 74. Configuration Register Bit Descriptions
Bits
Bit Name
Description
15:12
0
These bits must be programmed with a Logic 0 for correct operation.
11
Bipolar
Polarity select bit. When this bit is set, bipolar operation is selected. When this bit is cleared, unipolar operation is selected.
10:9
Burnout
These bits select the magnitude of the sensor burnout detect current source.
00 = burnout current source off (default).
01 = burnout current source on, 0.5 μA.
10 = burnout current source on, 2 μA.
11 = burnout current source on, 4 μA.
8
REF_BUFP
Buffer enable on REFINx(+). When this bit is set, the positive reference input (internal or external) is buffered. When this bit is cleared, the positive
reference input (internal or external) is unbuffered.
7
REF_BUFM
Buffer enable on REFINx(−). When this bit is set, the negative reference input (internal or external) is buffered. When this bit is cleared, the
negative reference input (internal or external) is unbuffered.
6
AIN_BUFP
Buffer enable on AINP. When this bit is set, the selected positive analog input pin is buffered. When this bit is cleared, the selected positive analog
input pin is unbuffered.
5
AIN_BUFM
Buffer enable on AINM. When this bit is set, the selected negative analog input pin is buffered. When this bit is cleared, the selected negative
analog input pin is unbuffered.
4:3
REF_SEL
Reference source select bits. These bits select the reference source to use when converting on any channels using this configuration register.
00 = REFIN1(+)/REFIN1(−).
01 = REFIN2(+)/REFIN2(−).
10 = internal reference.
11 = AVDD.
2:0
PGA
Gain select bits. These bits select the gain to use when converting on any channels using this configuration register.
PGA
Gain
Input Range When VREF = 2.5 V (Bipolar Mode)
000
1
±2.5 V
001
2
±1.25 V
010
4
± 625 mV
011
8
±312.5 mV
100
16
±156.25 mV
101
32
±78.125 mV
110
64
±39.06 mV
111
128
±19.53 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com