Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 48 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 48 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 44Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 45Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 46Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 47Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 48Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 49Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 50Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 51Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 93 page
background image
Data Sheet
ADFS7124-4
ADC CIRCUIT INFORMATION
analog.com
Rev. 0 | 48 of 93
AVDD = 3 V. If the ADC is configured for bipolar mode, the analog
input range on the AINP input is 0 V to AVDD. The bipolar/unipolar
option is chosen by programming the bipolar bit in the configuration
register.
DATA OUTPUT CODING
When the ADC is configured for unipolar operation, the output
code is natural (straight) binary with a zero differential input voltage
resulting in a code of 00 … 00, a midscale voltage resulting in a
code of 100 … 000, and a full-scale input voltage resulting in a
code of 111 … 111. The output code for any analog input voltage
can be represented as
Code = (2N × AIN × Gain)/VREF
When the ADC is configured for bipolar operation, the output code
is offset binary with a negative full-scale voltage resulting in a code
of 000 … 000, a zero differential input voltage resulting in a code
of 100 … 000, and a positive full-scale input voltage resulting in a
code of 111 … 111. The output code for any analog input voltage
can be represented as
Code = 2N − 1 × ((AIN × Gain/VREF) + 1)
where:
N = 24.
AIN is the analog input voltage.
Gain is the gain setting (1 to 128).
EXCITATION CURRENTS
The ADFS7124-4 also contains two matched, software configura-
ble, constant current sources that can be programmed to equal
0.1 µA, 50 µA, 100 µA, 250 µA, 500 µA, 750 µA, or 1 mA. These
current sources can be used to excite external resistive bridges or
RTD sensors. Both current sources source currents from AVDD and
can be directed to any of the analog input pins (see Figure 77).
The pins on which the currents are made available are programmed
using the IOUT1_CH and IOUT0_CH bits in the IO_CONTROL_1
register (see Table 50). The magnitude of each current source is
individually programmable using the IOUT1 and IOUT0 bits in the
IO_CONTROL_1 register. In addition, both currents can be output
to the same analog input pin.
Note that the on-chip reference does not need to be enabled when
using the excitation currents.
Figure 77. Excitation Current and Bias Voltage Connections
Table 50. Input/Output Control 1 Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x03
IO_
CONTROL
_1
[23:16] GPIO_DAT2 GPIO_DAT1 0
0
GPIO_CTRL
2
GPIO_CTRL
1
0
0
0x000000 RW
[15:8]
PDSW
0
IOUT1
IOUT0
[7:0]
IOUT1_CH
IOUT0_CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com