Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 71 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 71 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 67Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 68Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 69Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 70Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 71Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 72Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 73Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 74Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 93 page
background image
Data Sheet
ADFS7124-4
DIAGNOSTICS
analog.com
Rev. 0 | 71 of 93
register, and MCLK counter register are not included in this check
because their contents change continuously. The CRC is performed
at a rate of 1/2400 seconds. Each time that the memory map is
accessed, the CRC is recalculated. Events which cause the CRC to
be recalculated are:
►
A user write
►
An offset/full-scale calibration
►
When the device is operated in the single conversion mode and
the ADC goes into the standby mode following the completion of
the conversion.
►
When exiting the continuous read mode (the CONT_READ bit in
the ADC_CONTROL register is set to 0).
The memory map CRC function is enabled by setting the
MM_CRC_ERR_EN bit in the ERROR_EN register to 1. If an error
occurs, the MM_CRC_ERR bit in the error register is set to 1.
ROM CHECKSUM PROTECTION
On power-up, all registers are set to default values. These default
values are held in read-only memory (ROM). For added robustness,
a CRC calculation is performed on the ROM contents as well. The
CRC is performed on power-up.
The ROM CRC function is enabled by setting the ROM_CRC_
ERR_EN bit in the ERROR_EN register to 1. If an error occurs, the
ROM_CRC_ERR bit in the error register is set to 1.
When this function is enabled, the internal controller clock, if ena-
bled, remains active in the standby mode.
CRC Calculation
The checksum, which is 8 bits wide, is generated using the polyno-
mial:
x8 + x2 + x + 1
To generate the checksum, the data is left shifted by eight bits to
create a number ending in eight Logic 0s. The polynomial is aligned
so that its MSB is adjacent to the leftmost Logic 1 of the data. An
XOR (exclusive OR) function is applied to the data to produce a
new, shorter number. The polynomial is again aligned so that its
MSB is adjacent to the leftmost Logic 1 of the new result, and the
procedure is repeated. This process is repeated until the original
data is reduced to a value less than the polynomial. This is the 8-bit
checksum.
Example of a Polynomial CRC Calculation (24-
Bit Word): 0x654321 (8-Bit Command and 16-
Bit Data)
An example of generating the 8-bit checksum using the polynomial
based checksum is as follows:
Initial value
011001010100001100100001
01100101010000110010000100000000
left shifted eight bits
x8 + x2 + x + 1 = 100000111
polynomial
100100100000110010000100000000
XOR result
100000111
polynomial
100011000110010000100000000
XOR result
100000111
polynomial
11111110010000100000000
XOR result
100000111
polynomial value
1111101110000100000000
XOR result
100000111
polynomial value
111100000000100000000
XOR result
100000111
polynomial value
11100111000100000000
XOR result
100000111
polynomial value
1100100100100000000
XOR result
100000111
polynomial value
100101010100000000
XOR result
100000111
polynomial value
101101100000000
XOR result
100000111
polynomial value
1101011000000
XOR result
100000111
polynomial value
101010110000
XOR result
100000111
polynomial value
1010001000
XOR result
100000111
polynomial value
10000110
checksum = 0x86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com