Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 21Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 22Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 23Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 24Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 25Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 26Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 27Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 28Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
Data Sheet
ADFS7124-4
TERMINOLOGY
analog.com
Rev. 0 | 25 of 93
AINP
AINP refers to the positive analog input.
AINM
AINM refers to the negative analog input.
Integral Nonlinearity (INL)
INL is the maximum deviation of any code from a straight line pass-
ing through the endpoints of the transfer function. The endpoints of
the transfer function are zero scale (not to be confused with bipolar
zero), a point 0.5 LSB below the first code transition (000 … 000
to 000 … 001), and full scale, a point 0.5 LSB above the last code
transition (111 … 110 to 111 … 111). The error is expressed in ppm
of the full-scale range.
Gain Error
Gain error is the deviation of the last code transition (111 … 110 to
111 … 111) from the ideal AINP voltage (AINM + VREF/gain − 3/2
LSBs). Gain error applies to both unipolar and bipolar analog input
ranges.
Gain error is a measure of the span error of the ADC. It includes
full-scale errors but not zero-scale errors. For unipolar input ranges,
it is defined as full-scale error minus unipolar offset error; whereas
for bipolar input ranges, it is defined as full-scale error minus bipolar
zero error.
Offset Error
Offset error is the deviation of the first code transition from the ideal
AINP voltage (AINM + 0.5 LSB) when operating in the unipolar
mode.
In bipolar mode, offset error is the deviation of the midscale transi-
tion (0111 … 111 to 1000 … 000) from the ideal AINP voltage
(AINM − 0.5 LSB).
Offset Calibration Range
In the system calibration modes, the ADFS7124-4 calibrates offset
with respect to the analog input. The offset calibration range spec-
ification defines the range of voltages that the ADFS7124-4 can
accept and still calibrate offset accurately.
Full-Scale Calibration Range
The full-scale calibration range is the range of voltages that the
ADFS7124-4 can accept in the system calibration mode and still
calibrate full scale correctly.
Input Span
In system calibration schemes, two voltages applied in sequence to
the ADFS7124-4 analog input define the analog input range. The
input span specification defines the minimum and maximum input
voltages from zero to full scale that the ADFS7124-4 can accept
and still calibrate gain accurately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com