Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 3Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 4Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 5Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 6Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 7Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 8Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 9Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 10Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 93 page
background image
Data Sheet
ADFS7124-4
SPECIFICATIONS
analog.com
Rev. 0 | 7 of 93
Table 2. Specifications (Continued)
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
Common-Mode Rejection
100
dB
EXCITATION CURRENT SOURCES (IOUT0/IOUT1)
Available on any analog input pin
Output Current
0.1/50/100/250/
500/750/1000
µA
Initial Tolerance
±4
%
TA = 25°C
Drift
50
ppm/°C
Current Matching
±0.5
%
Matching between IOUT0 and IOUT1, VOUT
= 0 V
Drift Matching2
5
30
ppm/°C
Line Regulation (AVDD)
2
%/V
AVDD = 3 V ± 5%
Load Regulation
0.2
%/V
Output Compliance2
AVSS − 0.05
AVDD − 0.37
V
50 µA/100 µA/250 µA/500 µA current
sources, 2% accuracy
AVSS − 0.05
AVDD − 0.48
V
750 µA and 1000 µA current sources, 2%
accuracy
BIAS VOLTAGE (VBIAS) GENERATOR
Available on any analog input pin
VBIAS
AVSS + (AVDD −
AVSS)/2
V
VBIAS Generator Start-Up Time
6.7
µs/nF
Dependent on the capacitance connected
to AINx
TEMPERATURE SENSOR
Accuracy
±0.5
°C
Sensitivity
13,584
Codes/°C
LOW-SIDE POWER SWITCH
On Resistance (RON)
7
10
Ω
Allowable Current2
30
mA
Continuous current
BURNOUT CURRENTS
AIN Current
0.5/2/4
µA
Analog inputs must be buffered
DIGITAL OUTPUTS (P1 AND P2)
Output Voltage
High, VOH
AVDD − 0.6
V
ISOURCE = 100 µA
Low, VOL
0.4
V
ISINK = 100 µA
DIAGNOSTICS
Power Supply Monitor Detect Level
Analog Low Dropout Regulator (ALDO)
1.6
V
AVDD − AVSS ≥ 2.7 V
Digital LDO (DLDO)
1.55
V
IOVDD ≥ 1.75 V
Reference Detect Level
0.7
1
V
REF_DET_ERR bit active if VREF < 0.7 V
AINM/AINP Overvoltage Detect Level
AVDD + 0.04
V
AINM/AINP Undervoltage Detect Level
AVSS − 0.04
V
INTERNAL/EXTERNAL CLOCK
Internal Clock
Frequency
614.4 − 5%
614.4
614.4 + 5%
kHz
Duty Cycle
50:50
%
External Clock
Frequency
2.4576
MHz
Internal divide by 4
Duty Cycle Range
45:55 to 55:45
%
LOGIC INPUTS2
Input Voltage
Low, VINL
0.3 × IOVDD
V
1.65 V ≤ IOVDD < 1.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com