Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 32Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 33Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 34Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 35Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 36Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 37Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 38Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 39Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 93 page
background image
Data Sheet
ADFS7124-4
GETTING STARTED
analog.com
Rev. 0 | 36 of 93
Figure 64. Basic Connection Diagram
OVERVIEW
The ADFS7124-4 is a low power ADC that incorporates a Σ-Δ
modulator, buffer, reference, gain stage, and on-chip digital filtering,
which is intended for the measurement of wide dynamic ranges, low
frequency signals (such as those in pressure transducers), weigh
scales, and temperature measurement applications.
Power Modes
The ADFS7124-4 offers three power modes: full power mode, mid
power mode, and low power mode. This allows total flexibility in
terms of speed, RMS noise, and current consumption.
Analog Inputs
The device can have four differential or seven pseudo differential
analog inputs. The analog inputs can be buffered or unbuffered.
The ADFS7124-4 uses flexible multiplexing; thus, any analog input
pin can be selected as a positive input (AINP) and any analog input
pin can be selected as a negative input (AINM).
Multiplexer
The on-chip multiplexer increases the channel count of the device.
Because the multiplexer is included on chip, any channel changes
are synchronized with the conversion process.
Reference
The device contains a 2.5 V reference, which has a drift of
15 ppm/°C maximum.
Reference buffers are also included on chip, which can be used
with externally applied references.
Programmable Gain Amplifier (PGA)
The analog input signal can be amplified using the PGA. The PGA
allows gains of 1, 2, 4, 8, 16, 32, 64, and 128.
Burnout Currents
Two burnout currents, which can be programmed to 500 nA, 2 µA,
or 4 µA, are included on chip to detect the presence of the external
sensor.
Σ-Δ ADC and Filter
The ADFS7124-4 contains a fourth-order Σ-Δ modulator followed by
a digital filter. The device has the following filter options:
►
Sinc4
►
Sinc3
►
Fast filter
►
Post filter
►
Zero latency
Channel Sequencer
The ADFS7124-4 allows up to 16 configurations, or channels.
These channels can consist of analog inputs, reference inputs, or
power supplies such that diagnostic functions, such as power sup-
ply monitoring, can be interleaved with conversions. The sequencer
automatically converts all enabled channels. When each enabled
channel is selected, the time required to generate the conversion is
equal to the settling time for the selected channel.
Per Channel Configuration
The ADFS7124-4 allows up to eight different setups, each setup
consisting of a gain, output data rate, filter type, and a reference
source. Each channel is then linked to a setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com