Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 40 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 40 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 36Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 37Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 38Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 39Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 40Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 41Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 42Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 43Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 93 page
background image
Data Sheet
ADFS7124-4
GETTING STARTED
analog.com
Rev. 0 | 40 of 93
ADC Setups
The ADFS7124-4 has eight independent setups. Each setup con-
sists of the following four registers:
►
Configuration register
►
Filter register
►
Offset register
►
Gain register
For example, Setup 0 consists of Configuration Register 0, Filter
Register 0, Offset Register 0, and Gain Register 0. The setup
is selectable from the channel registers detailed in the Channel
Configuration section. This allows each channel to be assigned to
one of eight separate setups.
Configuration Registers
The configuration registers allow the user to select the output
coding of the ADC by selecting between bipolar and unipolar. In
bipolar mode, the ADC accepts negative differential input voltages,
and the output coding is offset binary. In unipolar mode, the ADC
accepts only positive differential voltages, and the coding is straight
binary. In either case, the input voltage must be within the AVDD
and AVSS supply voltages. The user can also select the reference
source using these registers. Four options are available: an inter-
nal 2.5 V reference, an external reference connected between RE-
FIN1(+) and REFIN1(−), an external reference connected between
REFIN2(+) and REFIN2(−), or AVDD to AVSS. The PGA gain is also
set; gains of 1, 2, 4, 8, 16, 32, 64, and 128 are provided. The
analog input buffers and reference input buffers for the setup can
also be enabled using this register.
Filter Registers
The filter registers select which digital filter is used at the output
of the ADC modulator. The filter type and the output data rate are
selected by setting the bits in this register. For more information,
see the Digital Filter section.
Offset Registers
The offset registers hold the offset calibration coefficient for the
ADC. The power-on reset value of an offset register is 0x800000.
The offset registers are 24-bit read/write registers. The power-on
reset value is automatically overwritten if an internal or system
zero-scale calibration is initiated by the user or if the offset registers
are written to by the user.
Gain Registers
The gain registers are 24-bit registers that hold the gain calibration
coefficient for the ADC. The gain registers are read/write registers.
The gain is factory calibrated at a gain of 1; thus, the default value
varies from device to device. The default value is automatically
overwritten if an internal or system full-scale calibration is initiated
by the user. For more information on calibration, see the Calibration
section.
Figure 69. ADC Setup Register Grouping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com