Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 76 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 76 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 72Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 73Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 74Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 75Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 76Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 77Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 78Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 79Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 93 page
background image
Data Sheet
ADFS7124-4
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 76 of 93
4. Program the excitation currents to 500 µA and output the
currents on the AIN0 and AIN3 pins.
5. Wait until RDY goes low. Read the conversion value.
6. Repeat Step 4.
In the processor, implement the linearization routine for the PT100.
The external antialias filter is omitted for clarity. However, such a fil-
ter is required to reject any interference at the modulator frequency
and multiples of the modulator frequency. Also, some filtering may
be needed for EMI purposes. Both the analog inputs and reference
inputs can be buffered, which allows the user to connect any RC
combination to the reference or analog input pins.
On the ADFS7124-4, the excitation currents can be made available
at the input pins, for example, the AIN3 pin can function as an ana-
log input as well as outputting the current source. This option allows
multiple sensors to be connected to the ADC using a minimum pin
count. However, the resistor of the antialiasing filter is in series with
the RTD. This introduces an error in the conversions as there is a
voltage generated across the antialiasing resistor. To minimize the
error, minimize the resistance of the antialiasing filter.
The power mode to use depends on the performance required from
the system along with the current consumption allowance for the
system. In a field transmitter, low current consumption is essential.
In this application, the low power mode or mid power mode is most
suitable. In process control applications, power consumption is not
a priority. Thus, full power mode may be selected. The full power
mode offers higher throughput and lower noise.
The ADFS7124-4 on-chip diagnostics allow the user to check the
circuit connections, monitor the power supply, reference, and LDO
voltages, check all conversions and calibrations for any errors, as
well as monitor any read/write operations. In RTD applications, the
circuit connections are verified using the reference detect and the
burnout currents. The REF_DET_ERR flag is set if the external
reference REFIN2(±) is missing. The burnout currents (available in
the configuration registers) detect an open wire. The decoupling
capacitors on the LDOs can also be checked. The ADC indicates if
the capacitor is not present.
As part of the conversion process, the analog input overvoltage/
undervoltage monitors are useful to detect any excessive voltages
on AINP and AINM. The power supply voltages and reference
voltages are selectable as inputs to the ADC. Thus, the voltages
can be periodically checked to confirm whether they are within
the system specification. Also, it is possible to check that the
LDO voltages are within specification. The conversion process and
calibration process can also be checked. This ensures that any
invalid conversions or calibrations are flagged.
Finally, the CRC check, SCLK counter, and the SPI read/write
checks make the interface more robust as any read/write operation
that is not valid is detected. The CRC check highlights if any bits
are corrupted when being transmitted between the processor and
the ADC.
Figure 127. 3-Wire RTD Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com