Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 54 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 54 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 50Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 51Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 52Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 53Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 54Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 55Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 56Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 57Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 93 page
background image
Data Sheet
ADFS7124-4
ADC CIRCUIT INFORMATION
analog.com
Rev. 0 | 54 of 93
range to go 5% above the nominal range. The built-in headroom
in the ADFS7124-4 analog modulator ensures that the device still
operates correctly with a positive full-scale voltage which is 5%
beyond the nominal.
The range of input span in both the unipolar and bipolar modes has
a minimum value of 0.8 × VREF/gain and a maximum value of 2.1
× VREF/gain. However, the span, which is the difference between
the bottom of the ADFS7124-4 input range and the top of its input
range, must account for the limitation on the positive full-scale
voltage. The amount of offset that can be accommodated depends
on whether the unipolar or bipolar mode is being used. The offset
must account for the limitation on the positive full-scale voltage.
In the unipolar mode, there is considerable flexibility in handling
negative (with respect to AINM) offsets. In both unipolar and bipolar
modes, the range of positive offsets that can be handled by the
device depends on the selected span. Therefore, in determining the
limits for system zero-scale and full-scale calibrations, ensure that
the offset range plus the span range does exceed 1.05 × VREF/gain.
This is best illustrated by looking at a few examples.
If the device is used in the unipolar mode with a required span of
0.8 × VREF/gain, the offset range that the system calibration can
handle is from −1.05 × VREF/gain to +0.25 × VREF/gain. If the device
is used in the unipolar mode with a required span of VREF/gain, the
offset range that the system calibration can handle is from −1.05
× VREF/gain to +0.05 × VREF/gain. Similarly, if the device is used
in the unipolar mode and required to remove an offset of 0.2×
VREF/gain, the span range that the system calibration can handle is
0.85 × VREF/gain.
If the device is used in the bipolar mode with a required span of
±0.4 × VREF/gain, then the offset range which the system calibration
can handle is from −0.65 × VREF/gain to +0.65 × VREF/gain. If
the device is used in the bipolar mode with a required span of
±VREF/gain, the offset range the system calibration can handle is
from −0.05 × VREF/gain to +0.05 × VREF/gain. Similarly, if the device
is used in the bipolar mode and required to remove an offset of ±0.2
× VREF/gain, the span range that the system calibration can handle
is ±0.85 × VREF/gain.
SYSTEM SYNCHRONIZATION
The SYNC input allows the user to reset the modulator and the
digital filter without affecting any of the setup conditions on the
device. This allows the user to start gathering samples of the
analog input from a known point in time, that is, the rising edge
of SYNC. Take SYNC low for at least four controllerclock cycles to
implement the synchronization function.
If multiple ADFS7124-4 devices are operated from a common con-
troller clock, they can be synchronized so that their data registers
are updated simultaneously. A falling edge on the SYNC pin resets
the digital filter and analog modulator, and places the ADFS7124-4
into a consistent, known state. While the SYNC pin is low, the
ADFS7124-4 is maintained in this state. On the SYNC rising edge,
the modulator and filter exit this reset state and, on the next clock
edge, the device starts to gather input samples again. In a system
using multiple ADFS7124-4 devices, a common signal to their
SYNC pins synchronizes their operation. This is normally performed
after each ADFS7124-4 has performed its own calibration or has
calibration coefficients loaded into its calibration registers. The
conversions from the ADFS7124-4 devices are then synchronized.
The device exits reset on the controller clock falling edge following
the SYNC low to high transition. Therefore, when multiple devices
are being synchronized, pull the SYNC pin high on the controller
clock rising edge to ensure that all devices begin sampling on
the controller clock falling edge. If the SYNC pin is not taken
high in sufficient time, it is possible to have a difference of one
controller clock cycle between the devices; that is, the instant at
which conversions are available differs from device to device by a
maximum of one controller clock cycle.
The SYNC pin can also be used as a start conversion command.
In this mode, the rising edge of SYNC starts conversion and the
falling edge of RDY indicates when the conversion is complete. The
settling time of the filter must be allowed for each data register
update. For example, if the ADC is configured to use the sinc4
filter and zero latency is disabled, the settling time equals 4/fADC
where fADC is the output data rate when continuously converting on
a single channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com