Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 86 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 86 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 82Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 83Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 84Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 85Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 86Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 87Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 88Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 89Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 93 page
background image
Data Sheet
ADFS7124-4
ON-CHIP REGISTERS
analog.com
Rev. 0 | 86 of 93
Table 70. Error Register Bit Descriptions
Bits
Bit Name
Description
23:20
0
These bits must be programmed with a Logic 0 for correct operation.
19
LDO_CAP_ERR
Analog/digital LDO decoupling capacitor check. This flag is set if the decoupling capacitors required for the analog and digital LDOs
are not connected to the ADFS7124-4. Note that a missing decoupling capacitor can cause the ADC to reset. However, this is easily
detectable at the system level.
18
ADC_CAL_ERR
Calibration check. If a calibration is initiated but not completed, this flag is set to indicate that an error occurred during the calibration.
The associated calibration register is not updated.
17
ADC_CONV_ERR
This bit indicates whether a conversion is valid. This flag is set if an error occurs during a conversion.
16
ADC_SAT_ERR
ADC saturation flag. This flag is set if the modulator is saturated during a conversion.
15
AINP_OV_ERR
Overvoltage detection on AINP.
14
AINP_UV_ERR
Undervoltage detection on AINP.
13
AINM_OV_ERR
Overvoltage detection on AINM.
12
AINM_UV_ERR
Undervoltage detection on AINM.
11
REF_DET_ERR
Reference detection. This flag indicates when the external reference being used by the ADC is open circuit or less than 0.7 V.
10
0
This bit must be programmed with a Logic 0 for correct operation.
9
DLDO_PSM_ERR
Digital LDO error. This flag is set if an error is detected with the digital LDO.
8
0
This bit must be programmed with a Logic 0 for correct operation.
7
ALDO_PSM_ERR
Analog LDO error. This flag is set if an error is detected with the analog LDO voltage.
6
SPI_IGNORE_ERR
During power-on reset and calibrations, the on-chip registers cannot be written to. User write instructions are ignored by the ADC. This
bit is set, indicating that the ADC is busy and the write instruction has been ignored. The SPI_IGNORE_ERR bit is cleared when read.
5
SPI_SCLK_CNT_ERR
All serial communications are some multiple of eight bits. This bit is set when the number of SCLK cycles is not a multiple of eight.
4
SPI_READ_ERR
This bit is set when an error occurs during an SPI read operation.
3
SPI_WRITE_ERR
This bit is set when an error occurs during an SPI write operation.
2
SPI_CRC_ERR
This bit is set if an error occurs in the CRC check of the serial communications.
1
MM_CRC_ERR
Memory map error. A CRC calculation is performed on the memory map each time that the registers are written to. Following this,
periodic CRC checks are performed on the on-chip registers. If the register contents have changed, the MM_CRC_ERR bit is set.
0
ROM_CRC_ERR
ROM error. A CRC calculation is performed on the ROM contents (contains the default register values) on power-up. If the contents
have changed, the ROM_CRC_ERR bit is set.
ERROR_EN REGISTER
RS[5:0] = 0, 0, 0, 1, 1, 1 Power-On/Reset = 0x000040
All the diagnostic functions can be enabled or disabled by setting the appropriate bits in this register.
Table 71 outlines the bit designations for the register. Bit 23 is the first bit of the data stream. The number in parentheses indicates the
power-on/reset default status of that bit.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (0)
MCLK_ CNT_
EN (0)
LDO_CAP_CHK_
TEST_EN (0)
LDO_CAP_CHK (0)
ADC_CAL_ERR_
EN (0)
ADC_CONV_ ERR_
EN (0)
ADC_SAT_ ERR_EN (0)
AINP_OV_
ERR_EN (0)
AINP_UV_
ERR_EN (0)
AINM_OV_ERR_ EN (0) AINM_UV_
ERR_EN (0)
REF_DET_ERR
_EN (0)
DLDO_PSM_
TRIP_TEST_EN (0)
DLDO_PSM_
ERR_EN (0)
ALDO_PSM_
TRIP_TEST_EN (0)
ALDO_ PSM_
ERR_EN (0)
SPI_
IGNORE_
ERR_EN (1)
SPI_SCLK_CNT_
ERR_EN (0)
SPI_READ_
ERR_EN (0)
SPI_WRITE_
ERR_EN (0)
SPI_CRC_ERR_
EN (0)
MM_CRC_ERR_ EN ROM_CRC_ERR_EN
Table 71. ERROR_EN Register Bit Descriptions
Bits
Bit Name
Description
23
0
This bit must be programmed with a Logic 0 for correct operation.
22
MCLK_CNT_EN
Controller clock counter. When this bit is set, the controller clock counter is enabled and the result is reported through the
MCLK_COUNT register. The counter monitors the controller clock being used by the ADC. If an external clock is the clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com