Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 39Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 40Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 41Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 42Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 43Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 44Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 45Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 46Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 93 page
background image
Data Sheet
ADFS7124-4
GETTING STARTED
analog.com
Rev. 0 | 43 of 93
Table 44. Error Register
Reg.
Name Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x06
Error
[23:16]
0
LDO_CAP_
ERR
ADC_CAL_
ERR
ADC_CONV_
ERR
ADC_SAT_E
RR
0x000000 R
[15:8]
AINP_OV_
ERR
AINP_UV_
ERR
AINM_OV_
ERR
AINM_UV
_ ERR
REF_DET_
ERR
0
DLDO_PSM_
ERR
0
[7:0]
ALDO_PSM_
ERR
SPI_IGNORE
_ ERR
SPI_SCLK_
CNT_ERR
SPI_READ
_ ERR
SPI_WRITE_
ERR
SPI_CRC_
ERR
MM_CRC_
ERR
ROM_CRC_
ERR
Table 45. Error Enable Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x07
ERROR_
EN
[23:16]
0
MCLK_CNT_
EN
LDO_CAP_
CHK_TEST_
EN
LDO_CAP_CHK
ADC_CAL_
ERR_EN
ADC_CONV_
ERR_EN
ADC_SAT_
ERR_EN
0x000040 RW
[15:8]
AINP_OV_
ERR_EN
AINP_UV_
ERR_EN
AINM_OV_
ERR_EN
AINM_UV
_ERR_EN
REF_DET_
ERR_EN
DLDO_PSM_
TRIP_TEST_
EN
DLDO_PSM_
ERR_EN
ALDO_PSM_
TRIP_TEST_
EN
[7:0]
ALDO_PSM
_ ERR_EN
SPI_IGNORE
_ERR_EN
SPI_SCLK_
CNT_ERR_
EN
SPI_
READ_
ERR_EN
SPI_WRITE
_ERR_EN
SPI_CRC_
ERR_EN
MM_CRC_
ERR_EN
ROM_CRC_
ERR_EN
Table 46. MCLK Count Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x08
MCLK_COUNT
[7:0]
MCLK_COUNT
0x00
R
Table 47. ADC Control Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x01
ADC_CONTROL
[15:8]
0
DOUT_RDY_DEL
CONT_ READ
DATA_STATUS
CS_EN
REF_EN
0x0000
RW
[7:0]
POWER_MODE
Mode
CLK_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com