Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS7124-4BBCPZ Datasheet(PDF) 81 Page - Analog Devices

Part # ADFS7124-4BBCPZ
Description  4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-4BBCPZ Datasheet(HTML) 81 Page - Analog Devices

Back Button ADFS7124-4BBCPZ Datasheet HTML 77Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 78Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 79Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 80Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 81Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 82Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 83Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 84Page - Analog Devices ADFS7124-4BBCPZ Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 93 page
background image
Data Sheet
ADFS7124-4
ON-CHIP REGISTERS
analog.com
Rev. 0 | 81 of 93
Table 65. Status Register Bit Descriptions (Continued)
Bits
Bit Name
Description
6
ERROR_FLAG
ADC error bit. This bit indicates if one of the error bits is asserted in the error register. This bit is high if one or more of the error bits in the
error register is set. This bit is cleared by a read of the error register.
5
0
This bit is set to 0.
4
POR_FLAG
Power-on reset flag. This bit indicates that a power-on reset occurred. A power-on reset occurs on power-up, when the power supply
voltage goes below a threshold voltage, when a reset is performed, and when coming out of power-down mode. The status register must be
read to clear the bit.
3:0
CH_ACTIVE
These bits indicate which channel is being converted by the ADC.
0000 = Channel 0.
0001 = Channel 1.
0010 = Channel 2.
0011 = Channel 3.
0100 = Channel 4.
0101 = Channel 5.
0110 = Channel 6.
0111 = Channel 7.
1000 = Channel 8.
1001 = Channel 9.
1010 = Channel 10.
1011 = Channel 11.
1100 = Channel 12.
1101 = Channel 13.
1110 = Channel 14.
1111 = Channel 15.
ADC_CONTROL REGISTER
RS[5:0] = 0, 0, 0, 0, 0, 1
Power-On/Reset = 0x0000
Table 66 outlines the bit designations for the register. Bit 15 is the first bit of the data stream. The number in parentheses indicates the
power-on/reset default status of that bit.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (0)
0 (0)
0 (0)
DOUT_RDY_DEL (0)
CONT_READ (0)
DATA_STATUS (0)
CS_EN (0)
REF_EN (0)
POWER_MODE (0)
Mode (0)
CLK_SEL (0)
Table 66. ADC Control Register Bit Descriptions
Bits
Bit Name
Description
15:13
0
These bits must be programmed with a Logic 0 for correct operation.
12
DOUT_RDY_DEL
Controls the SCLK inactive edge to DOUT/RDY high time. When DOUT_RDY_DEL is cleared, the delay is 10 ns minimum. When
DOUT_RDY_DEL is set, the delay is increased to 100 ns minimum. This function is useful when CS is tied low (the CS_EN bit is
set to 0).
11
CONT_READ
Continuous read of the data register. When this bit is set to 1 (and the data register is selected), the serial interface is configured
so that the data register can be continuously read; that is, the contents of the data register are automatically placed on the DOUT
pin when the SCLK pulses are applied after the RDY pin goes low to indicate that a conversion is complete. The communications
register does not have to be written to for subsequent data reads. To enable continuous read, the CONT_READ bit is set. To
disable continuous read, write a read data command while the DOUT/ RDY pin is low. While continuous read is enabled, the ADC
monitors activity on the DIN line so that it can receive the instruction to disable continuous read. Additionally, a reset occurs if 64
consecutive 1s occur on DIN; therefore, hold DIN low until an instruction is written to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com